Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB054N40DC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB054N40DC
Description  N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB054N40DC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB054N40DC_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMB054N40DC_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMB054N40DC_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMB054N40DC_15 Datasheet HTML 4Page - KEC(Korea Electronics) KMB054N40DC_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2012. 9. 3
2/5
KMB054N40DC
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μ
A
40
-
-
V
Drain Cut-off Current
IDSS
VGS=0V, VDS=32V
-
-
1
μA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μ
A
1.7
-
2.6
V
Drain-Source ON Resistance
RDS(ON)*
VGS=10V, ID=14A
-
6.5
8.5
m
VGS=4.5V, ID=11A
-
8.5
11
VGS=10V, ID=14A, Tj=125℃
-
10.4
14
Forward Transconductance
gfs*
VDS=10V, ID=20A
-
58
-
S
Dynamic
Input Capacitance
Ciss
VDS=20V, f=1MHz, VGS=0V
-
1280
-
pF
Ouput Capacitance
Coss
-
250
-
Reverse Transfer Capacitance
Crss
-
125
-
Total Gate Charge
VGS=10V
Qg*
VDS=20V, VGS=10V, ID=14A
-
25.4
-
nC
VGS=5V
Qg*
-
13.8
-
Gate-Source Charge
Qgs*
-
5.7
-
Gate-Drain Charge
Qgd*
-
5.4
-
Turn-On Delay Time
td(on)*
VDD=20V, VGS=10V
ID=1A, RG=6Ω
-
19
-
ns
Turn-On Rise Time
tr*
-
16
-
Turn-Off Delay Time
td(off)*
-
60
-
Turn-Off Fall Time
tf*
-
14
-
Source-Drain Diode Ratings
Source-Drain Forward Voltage
VSDF*
VGS=0V, IS=14A
-
0.8
1.2
V
Note>* Pulse Test : Pulse width <300
㎲ , Duty cycle < 2%


Similar Part No. - KMB054N40DC_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB054N40DC KEC-KMB054N40DC Datasheet
81Kb / 5P
   N-Ch Trench MOSFET
More results

Similar Description - KMB054N40DC_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com