Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRD02-040-03L04 Datasheet(PDF) 2 Page - RMT Ltd.

Part # HRD02-040-03L04
Description  Thermoelectric Solutions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HRD02-040-03L04 Datasheet(HTML) 2 Page - RMT Ltd.

  HRD02-040-03L04 Datasheet HTML 1Page - RMT Ltd. HRD02-040-03L04 Datasheet HTML 2Page - RMT Ltd. HRD02-040-03L04 Datasheet HTML 3Page - RMT Ltd. HRD02-040-03L04 Datasheet HTML 4Page - RMT Ltd. HRD02-040-03L04 Datasheet HTML 5Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2015. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page " of "
2
5
Detailed Specification
Thermoelectric Solutions
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HRD02-040-03L04
Sensor Type
Thermoelectric
Surface material
Aluminum, painted black
Protection
IP67
Surface dimensions AxB
mm2
4x4
Thickness H
mm
0.8
Pellet pairs
40
Spectral range
μm
0.2...15
Surface Emissivity ε
0.95
Sensitivity Se
μV/(W/m2)
11
Integral Sensitivity Sa
V/W
0.68
Detectivity
cmHz1/2/W
1.30E+09
Time Constant τ
s
0.4
Electrical Resistance ACR1)
Ohm
6.0
Power Density max Pe
±W/m2
14 500
Maximal Power Pa
±W
0.24
Thermal Resistance RT
K/(W/m2)
6.80E-04
Integral Thermal Resistance RT
K/W
42.4
Temperature Dependence2) dS/dT
%/°C
0.25
Linearity with Power dS/dP
±%/(W/m2)
0.01%
Homogeneity dS/dA.
±%
1
Calibration Accuracy
±%
3
Calibration Temperature Range Min/Max
°C
-40 … +85
Operating Temperature Range Min/Max
°C
-60 … +150
Soldering Temperature3) Max °C
°C
+260
Cooling Method
Convection
Terminal Contacts
Bottom Side
RoHS
Compliant
1. Performance parameters shown in specifications are given for ambient temperature Ta=300 K (27 °C)
2. Average value. Detailed temperature dependance is available.
3. Max duration 5minuters.


Similar Part No. - HRD02-040-03L04

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
HRD02-040-05L04 RMT-HRD02-040-05L04 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results

Similar Description - HRD02-040-03L04

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD03-040-05L06 RMT-HRD03-040-05L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC04-126-05D20 RMT-HTC04-126-05D20 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-059-05L08 RMT-HFD04-059-05L08 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC06-126-08D30 RMT-HTC06-126-08D30 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD02-040-05L04 RMT-HRD02-040-05L04 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC06-284-08D40 RMT-HTC06-284-08D40 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC06-126-08D25 RMT-HTC06-126-08D25 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com