Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTC06-126-08D30 Datasheet(PDF) 2 Page - RMT Ltd.

Part # HTC06-126-08D30
Description  Thermoelectric Solutions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTC06-126-08D30 Datasheet(HTML) 2 Page - RMT Ltd.

  HTC06-126-08D30 Datasheet HTML 1Page - RMT Ltd. HTC06-126-08D30 Datasheet HTML 2Page - RMT Ltd. HTC06-126-08D30 Datasheet HTML 3Page - RMT Ltd. HTC06-126-08D30 Datasheet HTML 4Page - RMT Ltd. HTC06-126-08D30 Datasheet HTML 5Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2015. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page " of "
2
5
Detailed Specification
Thermoelectric Solutions
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTD 04-059-08D12
HTC06-126-08D30
Sensor Type
Thermoelectric
Surface material
Aluminum, painted black
Protection class (2)
IP67
Surface dimensions dia
mm
30
Thickness H
mm
3.4
Pellet pairs
126
Sensitivity Se
μV/(W/m2)
137
Integral sensitivity Sa
V/W
0.19
Heat Flux Range Pe
±W/m2
4 000
Integral Heat Flux Range Pa
±W
2.8
Thermal Time Constant
s
7.2
Thermal Resistance RT
K/(W/m2)
2.50E-03
Integral Thermal Resistance RT
K/W
3.5
Electrical Resistance ACR
Ohm
5.55
Temperature Dependence (3) dS/dT
%/°C
0.20
Linearity with Power dS/dP
±%/(W/m2)
0.05%
Homogeneity dS/dA
±%
1
Calibration Accuracy
±%
3
Thermistor integrated
Pt1000 (1%, 0.375%/°C)
Calibration Temperature Range
°C
-40 … +85
Operating Temperature Range
°C
-60 … +150
Max. compressive Force for clamping
kg
91
Cable Length (4) L
cm
180
Connector type (5)
FMC 0,5/6-ST-2,54-18211355
RoHS
Compliant
1. Performance parameters shown in specifications are given for ambient temperature Ta=300 K (27 °C)
2. Application in water - not more than 1 hour. Maximum temperature 100°C.
3. Average value at Ta=300 K (27 °C). Detailed temperature dependence is given in table
4. Sensor is equipped with thin FEP Flat Ribbon Cable, 0.025” Pitch, 32 AWG, 1,8 m.
Wire resistance 0.54Ohm/m
5. Cable is ended by miniature connector FMC 0,5/6-ST-2,54-18211355 (Phoenix).
The reciprocal connector p/n is MCV 0,5/6-G-2,54 SMD R44-1821588


Similar Part No. - HTC06-126-08D30

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
HTC06-126-08D25 RMT-HTC06-126-08D25 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results

Similar Description - HTC06-126-08D30

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD03-040-05L06 RMT-HRD03-040-05L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC04-126-05D20 RMT-HTC04-126-05D20 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD02-040-03L04 RMT-HRD02-040-03L04 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-059-05L08 RMT-HFD04-059-05L08 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD02-040-05L04 RMT-HRD02-040-05L04 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC06-284-08D40 RMT-HTC06-284-08D40 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC06-126-08D25 RMT-HTC06-126-08D25 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com