Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T955G Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZX5T955G
Description  140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX5T955G Datasheet(HTML) 3 Page - Diodes Incorporated

  ZX5T955G_15 Datasheet HTML 1Page - Diodes Incorporated ZX5T955G_15 Datasheet HTML 2Page - Diodes Incorporated ZX5T955G_15 Datasheet HTML 3Page - Diodes Incorporated ZX5T955G_15 Datasheet HTML 4Page - Diodes Incorporated ZX5T955G_15 Datasheet HTML 5Page - Diodes Incorporated ZX5T955G_15 Datasheet HTML 6Page - Diodes Incorporated ZX5T955G_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZX5T955G
Datasheet Number: DS33426 Rev. 4 - 2
3 of 7
www.diodes.com
May 2015
© Diodes Incorporated
ZX5T955G
A Product Line of
Diodes Incorporated
Thermal Characteristics and Derating Information
100m
1
10
100
10m
100m
1
10
Single Pulse. T
amb
=25°C
52mmX52mm
single sided 2oz Cu
V
CE(sat)
Limit
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2 5 m m X 2 5 m m
sin g le sid ed 1 o z Cu
5 2 m m X 5 2 m m
sin g le sid ed 2 o z Cu
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
5 2 m m X 5 2 m m
sin g le sid ed 2 o z Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb
=25°C
52mmX52mm
single sided 2oz Cu
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - ZX5T955G_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZX5T955GTA ETC-ZX5T955GTA Datasheet
113Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T955GTA DIODES-ZX5T955GTA Datasheet
122Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
logo
List of Unclassifed Man...
ZX5T955GTC ETC-ZX5T955GTC Datasheet
113Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T955GTC DIODES-ZX5T955GTC Datasheet
122Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - ZX5T955G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2014G DIODES-ZXTP2014G_15 Datasheet
429Kb / 7P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2014G ZETEX-ZXTP2014G Datasheet
112Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
List of Unclassifed Man...
ZX5T955G ETC-ZX5T955G Datasheet
113Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
FZT955 DIODES-FZT955_15 Datasheet
638Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T955Z ZETEX-ZX5T955Z Datasheet
94Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2014G DIODES-ZXTP2014G Datasheet
119Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
ZX5T955Z DIODES-ZX5T955Z Datasheet
261Kb / 8P
   140V PNP Low saturation medium power transistor in SOT89
logo
Zetex Semiconductors
ZXTP2014Z ZETEX-ZXTP2014Z Datasheet
107Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZX5T955G DIODES-ZX5T955G Datasheet
122Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
ZX5T955Z DIODES-ZX5T955Z_15 Datasheet
261Kb / 8P
   140V PNP Low saturation medium power transistor in SOT89
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com