Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF423 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BF423
Description  SILICON PNP TRIPLE DIFFUSED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BF423 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BF423 Datasheet HTML 1Page - KEC(Korea Electronics) BF423 Datasheet HTML 2Page - KEC(Korea Electronics) BF423 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1998. 10. 31
1/3
SEMICONDUCTOR
TECHNICAL DATA
BF423
SILICON PNP TRIPLE DIFFUSED TYPE
Revision No : 2
HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATION.
COLOR TV CHROMA OUTPUT APPLICATIONS.
FEATURES
High Voltage : VCEO>-300V
Complementary to BF422.
MAXIMUM RATING (Ta=25
)
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-200V, IE=0
-
-
-10
nA
VCB=-200V, IE=0, Tj=150
-
-
-10
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-50
nA
DC Current Gain
hFE
VCE=-20V, IC=-25mA
50
-
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-30mA, IB=-5mA
-
-
-0.6
V
Base-Emitter Voltage
VBE
VCE=-20V, IC=-25mA
-
-0.75
-
V
Transition Frequency
fT
VCE=-10V, IC=-10mA
60
-
-
MHz
Reverse Transfer Capacitance
Cre
VCB=-30V, IE=0, f=1MHz
-
-
1.6
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-250
V
Collector-Emitter Voltage
VCEO
-250
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-50
mA
Peak
ICP
-100
Collector Power Dissipation
PC
625
mW
Base Current
IB
-50
mA
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-65
150


Similar Part No. - BF423

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF423 MOTOROLA-BF423 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
Dc Components
BF423 DCCOM-BF423 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
ON Semiconductor
BF423 ONSEMI-BF423 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
BF423 ONSEMI-BF423 Datasheet
110Kb / 4P
   High Voltage Transistors
July, 2010 ??Rev. 5
logo
NXP Semiconductors
BF423 PHILIPS-BF423 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
More results

Similar Description - BF423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
   Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1375 TOSHIBA-2SB1375_06 Datasheet
142Kb / 5P
   Silicon PNP Triple Diffused Type
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
   Silicon PNP Triple Diffused Type
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SA1971 KEXIN-2SA1971 Datasheet
54Kb / 1P
   Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421 Datasheet
847Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1411 TOSHIBA-2SB1411_06 Datasheet
148Kb / 5P
   Silicon PNP Triple Diffused Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com