Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFRIN0035 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAFRIN0035
Description  Miniature Surface Mount Dual Isolators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAFRIN0035 Datasheet(HTML) 1 Page - Tyco Electronics

  MAFRIN0035 Datasheet HTML 1Page - Tyco Electronics MAFRIN0035 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Replaces industry standard single junction with a dual
junction with 25 dB more isolation with only 0.1 dB
more insertion loss in the same space
n
Designed for Wireless Telecommunication Systems:
GSM1800, PCS1900, UMTS2100 (3G)
n
High performance at low cost in a miniaturized package.
n
Small size, 1” Vs. industry standard of 2”
n
Low mass, less than 18 grams vs. industry standard of
greater than 36.0 grams.
n
The small size utilizes less real estate on the RF board
while providing equal or better RF performance than the
industry 2 inch standard for a dual junction isolator.
n
Incorporates a patented Robust Lead approach which
withstands the most severe shipping, handling and
processing procedures without degradation in RF or
mechanical performance.
n
One piece housing and patented robust lead design
guarantees co-planarity between the contacts and the
ground plane of 0.1 mm.
n
The small size and low mass make the device suitable
for automatic pick and place systems and for solder
reflow profiles. This hands-free soldering further
lowers the cost of ownership.
n
Possible tape-and-reel packaging
n
Environmentally safe materials used, no lead option available.
Description
M/A-COM’s surface mount and drop-in circulators and
isolators, designed for wireless Base Station and Power
Amplifier applications, feature high reliability performance
at a low cost. These proven robust designs are qualification
tested. Tests include temperature cycling, high temperature
exposure, vibration, shock, and corrosion / moisture testing.
These designs feature a low cost package ideally suited for
high volume manufacturing.
M/A-COM is the world’s
largest supplier of surface mount and drop-in isolators and
circulators for the wireless infrastructure market.
Miniature Surface Mount
Dual Isolators
Mounting Dimensions
1
Outline Drawing
RECOMMENDED SOLDER FOOTPRINT
NOTES:
1) ISOLATOR IS PROCESSED W/SN96
2) SN62 SOLDER RECCOMMENDED
3) USE MULTIPLE PLATED THRU HOLES
IN SOLDER AREA UNDER HOUSING.
.60
15.2
.400
10.16
1.120
28.45
.380
9.64
.30
7.6
R
30°
2X
15°
2X
.060
1.52
2X
.130
3.29
2X


Similar Part No. - MAFRIN0035

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0037 MACOM-MAFRIN0037 Datasheet
76Kb / 1P
   Miniature Drop-In Dual Isolators
MAFRIN0038 MACOM-MAFRIN0038 Datasheet
76Kb / 1P
   Miniature Drop-In Dual Isolators
MAFRIN0039 MACOM-MAFRIN0039 Datasheet
76Kb / 1P
   Miniature Drop-In Dual Isolators
More results

Similar Description - MAFRIN0035

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0205 MACOM-MAFRIN0205 Datasheet
110Kb / 2P
   Miniature Surface Mount Isolators
MAFRIN0039 MACOM-MAFRIN0039 Datasheet
76Kb / 1P
   Miniature Drop-In Dual Isolators
logo
Microsemi Corporation
MMI42595T MICROSEMI-MMI42595T Datasheet
87Kb / 2P
   Miniature Ferrite Isolators 18 - 110 GHz ISOLATORS
logo
TT Electronics.
OPR5200 TTELEC-OPR5200 Datasheet
1Mb / 3P
   Miniature Surface Mount
logo
Bedford Opto Technology...
OPI1000L BOT-OPI1000L_12 Datasheet
317Kb / 6P
   Optically Coupled Isolators Surface Mount Low Profile
OPI1000L BOT-OPI1000L Datasheet
274Kb / 4P
   Optically Coupled Isolators Surface Mount Low Profile
logo
Abracon Corporation
ABM2 ABRACON-ABM2 Datasheet
466Kb / 1P
   CERAMIC SURFACE MOUNT MINIATURE
logo
Tyco Electronics
MAFRIN0151 MACOM-MAFRIN0151 Datasheet
108Kb / 2P
   Miniature Surface Mount Circulators
logo
PCA ELECTRONICS INC.
EPA3806GE PCA-EPA3806GE Datasheet
41Kb / 1P
   Miniature Surface Mount Transformer
logo
Cooper Bussmann, Inc.
UP1B-R47-R COOPER-UP1B-R47-R Datasheet
889Kb / 7P
   Miniature surface mount design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com