Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR2BE10 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCR2BE10
Description  200 mA CMOS Low Drop-Out Regulator with Auto-discharge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2BE10 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCR2BE10 Datasheet HTML 2Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 3Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 4Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 5Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 6Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 7Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 8Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 9Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TCR2BF series, TCR2BE series
2011-06-06
6
Application Note
1. Recommended Application Circuit
The figure above shows the recommended configuration for using a Low-Dropout regulator. Insert a capacitor at
VOUT and VIN pins for stable input/output operation. (Ceramic capacitors can be used).
2. Power Dissipation
Power dissipation is measured on the board shown below.
Testing Board of Thermal Resistance
CONTROL pin
connection
Operation
HIGH
ON
LOW
OFF
OPEN
OFF
Ambient temperature Ta (°C)
PD – Ta (SMV)
−40
0
0
40
120
80
100
200
300
400
Board dimension 30 mm x 30 mm,
t
= 0.8 mm Copper area 50 mm
2,
mounted on Glass Epoxy Board
Unit Rating
COUT
VIN
VOUT
CONTROL
GND
CIN
NC
SMV
ESV
NC
CONTROL
GND
VIN
CIN
COUT
VOUT
Ambient temperature Ta (°C)
PD – Ta (ESV)
−40
0
0
40
120
80
100
200
300
400
Board dimension 30 mm x 30 mm,
t
= 0.8 mm Copper area 20 mm
2,
mounted on Glass Epoxy Board
Unit Rating
*Board material: Glass Epoxy
Board dimension: 30 mm
× 30 mm
Copper area: 20 mm
2
, t
= 0.8 mm
*Board material: Glass Epoxy
Board dimension: 30 mm
× 30 mm
Copper area: 50 mm
2
t
= 0.8 mm
VOUT
GND
VIN
CONTROL
NC
SMV
ESV
VOUT
GND VIN
CONTROL
NC


Similar Part No. - TCR2BE10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - TCR2BE10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DF TOSHIBA-TCR3DF Datasheet
839Kb / 14P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DM TOSHIBA-TCR3DM Datasheet
460Kb / 14P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
logo
Toshiba Semiconductor
TCR4S12DWBG TOSHIBA-TCR4S12DWBG Datasheet
311Kb / 15P
   200 mA CMOS Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com