Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS-E1-H61A Datasheet(PDF) 2 Page - AAEON Technology

Part # AIS-E1-H61A
Description  Advanced Mini-ITX System Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AIS-E1-H61A Datasheet(HTML) 2 Page - AAEON Technology

  AIS-E1-H61A_15 Datasheet HTML 1Page - AAEON Technology AIS-E1-H61A_15 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-16
AIS-E1-H61A
Packing List
Optional Accessories
1701100503
(TF)Flat Cable, DB-9P(M), 10P 2.00mm Housing W/ Nose, 50cm, For AIS-E1
1709070207
(TF)SATA CABLE, 7P, to 7P SATA 1.27mm W/Lock 180D, 20cm, 26AWG
1702150207
(TF)Power Cable, 15P SATA(F), 4P 2.54mm Housing(F) ,20cm, for AIS-E1
9761E10004
(TF)(X)Accessory Kit, for AIS-E1.3.5” or 2.5” HDD Module
9761E10005
(TF)(X)Accessory Kit, for AIS-E1, CD-ROM Module
1701100503
(TF)Flat Cable, DB-9P(M), 10P 2.00mm Housing W/ Nose, 50cm, For AIS-E1
17592H61A2
(TF)CPU Cooler, Fan+Sink
1757908403
(TF)Adaptor, AC, 100/240V, 12V/7A, 84W, FSP, FSP084-DMAA1 P/N:9NA084040X
1709070207
(TF)SATA CABLE, 7P, to 7P SATA 1.27mm W/Lock 180D, 20cm, 26AWG
1702150207
(TF)Power Cable, 15P SATA(F), 4P 2.54mm Housing(F), 20cm, for AIS-E1
1990666615
(TF)Rubber Foot, Black, PINGOOD, R1904
Product DVD
AIS-E1-H61A
Ordering Information
Part Number
Chipset
RAM
Cooler
Storage
Display
LAN
USB
RS-232 RS-232/422/485 KB/MS
Audio
DIO
Expansion Slot
Mounting
Power
AIS-E1-H61A-001
Intel® H61
SODIMM
Fan
2.5" HDD Bay x 2,
CF-SATA x 1
VGA, DVI,
HDMI
GbE x 2
USB2.0 x 8
5
1
1
Mic-In
Line-In
Line-out
PCI-E[x4] x 1
Mini-PCI-E x 1
Desktop
DC 12V
Dimension
Unit: mm


Similar Part No. - AIS-E1-H61A_15

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AIS-E1-H61A-001 AAEON-AIS-E1-H61A-001 Datasheet
925Kb / 2P
   Advanced Mini-ITX System Controller
More results

Similar Description - AIS-E1-H61A_15

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AIS-E2-CV1 AAEON-AIS-E2-CV1_15 Datasheet
247Kb / 2P
   Advanced Mini-ITX System Controller
AIS-E2-CV1 AAEON-AIS-E2-CV1 Datasheet
247Kb / 2P
   Advanced Mini-ITX System Controller
AIS-E2-CV1 AAEON-AIS-E2-CV1 Datasheet
247Kb / 2P
   Advanced Mini-ITX System Controller
AIS-E1-H61A AAEON-AIS-E1-H61A Datasheet
925Kb / 2P
   Advanced Mini-ITX System Controller
AIS-Q450 AAEON-AIS-Q450 Datasheet
252Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
AIS-Q452 AAEON-AIS-Q452 Datasheet
280Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
AIS-E1 AAEON-AIS-E1 Datasheet
989Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q572 AAEON-AIS-Q572 Datasheet
266Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q574 AAEON-AIS-Q574 Datasheet
334Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q454 AAEON-AIS-Q454 Datasheet
274Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com