Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV256AL Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61LV256AL
Description  32K x 8 LOW VOLTAGE CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV256AL Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LV256AL_09 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV256AL_09 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV256AL_09 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV256AL_09 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV256AL_09 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV256AL_09 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV256AL_09 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV256AL_09 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV256AL_09 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-47743
Rev. C
07/29/09
IS61LV256AL
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
Voh
OutputHIGHVoltage
Vdd = Min.,Ioh = –2.0mA
2.4
V
Vol
OutputLOWVoltage
Vdd = Min.,Iol = 4.0mA
0.4
V
VIh
InputHIGHVoltage
2.2
Vdd + 0.3
V
VIl
InputLOWVoltage(1)
–0.3
0.8
V
IlI
InputLeakage
GND≤ VIn ≤ Vdd
Com.
–1
1
µA
Ind.
–2
2
Ilo
OutputLeakage
GND≤ Vout ≤ Vdd, OutputsDisabled
Com.
–1
1
µA
Ind.
–2
2
Notes:
1. VIl (min.) = –0.3V(DC);VIl (min.)=–2.0V(pulsewidth≤ 2.0 ns).
VIh (max.) = Vdd + 0.5V(DC);VIh (max.)=Vdd+2.0V(pulsewidth≤ 2.0 ns).
2. Notmorethanoneoutputshouldbeshortedatonetime.Durationoftheshortcircuitshouldnotexceed30seconds.
OPERATING RANGE
Range
Ambient Temperature
Speed (ns)
VDD(1)
Commercial
0°Cto+70°C
10
3.3V,+10%,–5%
Industrial
–40°Cto+85°C
10
3.3V+10%,–5%
Note: 1.Ifoperatedat12ns,Vddrangeis3.3V+10%.


Similar Part No. - IS61LV256AL_09

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV256AL-10J ISSI-IS61LV256AL-10J Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL-10JI ISSI-IS61LV256AL-10JI Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL-10JL ISSI-IS61LV256AL-10JL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL-10JLI ISSI-IS61LV256AL-10JLI Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL-10T ISSI-IS61LV256AL-10T Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV256AL_09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com