Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTB817 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTB817
Description  TRIPLE DIFFUSED PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB817 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTB817_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB817_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTB817_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 12. 11
3/3
KTB817
Revision No : 2
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
COLLECTOR-BASE VOLTAGE V
(V)
CB
-0.1
-30
-10
-3
-1
-1
10
-3
-30
-100
C
- V
ob
CB
-10
30
50
100
300
500
1k
f=1MHz
-100
-300
-1k
-0.3
-0.5
-1
-3
-5
-10
-30
-50
-100
DC


Similar Part No. - KTB817_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB817B KEC-KTB817B Datasheet
694Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results

Similar Description - KTB817_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36C KEC-TIP36C_15 Datasheet
306Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36CA KEC-TIP36CA_15 Datasheet
445Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com