Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3546M Datasheet(PDF) 8 Page - International Rectifier

Part # IRF3546M
Description  60A Dual Integrated Power Block
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3546M Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF3546M_15 Datasheet HTML 4Page - International Rectifier IRF3546M_15 Datasheet HTML 5Page - International Rectifier IRF3546M_15 Datasheet HTML 6Page - International Rectifier IRF3546M_15 Datasheet HTML 7Page - International Rectifier IRF3546M_15 Datasheet HTML 8Page - International Rectifier IRF3546M_15 Datasheet HTML 9Page - International Rectifier IRF3546M_15 Datasheet HTML 10Page - International Rectifier IRF3546M_15 Datasheet HTML 11Page - International Rectifier IRF3546M_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IRF3546
60A Dual Integrated Power Block
www.irf.com | © 2013 International Rectifier
May 29, 2013 | Final
8
TYPICAL OPERATING CHARACTERISTICS
TA = 25°C, no heat sink, no air flow, 8-layer PCB board of 3.7” (L) x 2.6” (W), unless specified otherwise.
Figure 4: Q1 & Q3 Typical Output Characteristics
Figure 5: Q1 & Q3 Typical Output Characteristics @150
oC
Figure 6: Q1 and Q3 Typical Transfer Characteristics
Figure 7: Q2 & Q4 Typical Output Characteristics
Figure 8: Q2 & Q4 Typical Output Characteristics @150
oC
Figure 9: Q2 and Q4 Typical Transfer Characteristics
0.1
1
10
100
1000
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
VGS
TOP
10V
5V
4.5V
3.5V
3.3V
3V
2.8V
BOTTOM 2.5V
0.1
1
10
100
1000
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
VGS
TOP
10V
5V
4.5V
3.5V
3.3V
3V
2.8V
BOTTOM 2.5V
<=60us PULSE WIDTH
0.1
1
10
100
1000
1
1.5
2
2.5
3
3.5
4
VGS, Gate-to-Source Voltage (V)
TJ=150
o
C
TJ=25
oC
TJ=-40
oC
VDS=15V, <=60us PULSE WIDTH
0.1
1
10
100
1000
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
VGS
TOP
10V
5V
4.5V
3.5V
3.3V
3V
2.8V
BOTTOM 2.5V
0.1
1
10
100
1000
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
VGS
TOP
10V
5V
4.5V
3.5V
3.3V
3V
2.8V
BOTTOM 2.5V
<=60us PULSE WIDTH
0.1
1
10
100
1000
1
1.5
2
2.5
3
3.5
4
VGS, Gate-to-Source Voltage (V)
TJ=150
o
C
TJ=25
oC
TJ=-40
oC
VDS=15V, <=60us PULSE WIDTH


Similar Part No. - IRF3546M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3546MTRPBF IRF-IRF3546MTRPBF Datasheet
358Kb / 18P
   60A Dual Integrated Power Block
More results

Similar Description - IRF3546M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3546 IRF-IRF3546 Datasheet
358Kb / 18P
   60A Dual Integrated Power Block
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
   60A Integrated PowIRstage짰
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
IR3575 IRF-IR3575_15 Datasheet
955Kb / 22P
   60A Exposed Top Integrated PowIRstage
logo
Molex Electronics Ltd.
39970-0111 MOLEX11-39970-0111 Datasheet
42Kb / 2P
   10.16mm Beau Eurostyle Fixed Mount PCB Terminal Block, High Power 60A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com