Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6201PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6201PBF
Description  Battery operated DC motor inverter MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6201PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6201PBF_15 Datasheet HTML 1Page - International Rectifier IRF6201PBF_15 Datasheet HTML 2Page - International Rectifier IRF6201PBF_15 Datasheet HTML 3Page - International Rectifier IRF6201PBF_15 Datasheet HTML 4Page - International Rectifier IRF6201PBF_15 Datasheet HTML 5Page - International Rectifier IRF6201PBF_15 Datasheet HTML 6Page - International Rectifier IRF6201PBF_15 Datasheet HTML 7Page - International Rectifier IRF6201PBF_15 Datasheet HTML 8Page - International Rectifier IRF6201PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6201PbF
2
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ When mounted on 1 inch square copper board.
„ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
4.6
–––
mV/°C
RDS(on)
–––
1.90
2.45
–––
2.10
2.75
VGS(th)
Gate Threshold Voltage
0.5
–––
1.1
V
VDS = VGS, ID = 100µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
Qg
Total Gate Charge
–––
130
195
Qgs
Gate-to-Source Charge
–––
16
–––
Qgd
Gate-to-Drain Charge
–––
60
–––
td(on)
Turn-On Delay Time
–––
29
–––
tr
Rise Time
–––
100
–––
td(off)
Turn-Off Delay Time
–––
320
–––
tf
Fall Time
–––
265
–––
Ciss
Input Capacitance
–––
8555
–––
Coss
Output Capacitance
–––
1735
–––
Crss
Reverse Transfer Capacitance
–––
1290
–––
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
82
120
ns
Qrr
Reverse Recovery Charge
–––
180
270
nC
Thermal Resistance
Parameter
Units
RθJL
Junction-to-Drain Lead
f
RθJA
Junction-to-Ambient
e
Typ.
–––
–––
°C/W
Max.
20
50
Static Drain-to-Source On-Resistance
A
–––
–––
–––
–––
2.5
110
nA
nC
ns
pF
RG = 6.8
VDS = 16V, VGS = 0V, TJ = 125°C
VDD = 20V, VGS = 4.5V
ID = 1.0A
VDS = 10V
VGS = 12V
VGS = -12V
VGS = 4.5V
m
µA
TJ = 25°C, IF = 2.5A, VDD = 16V
di/dt = 100/µs
d
TJ = 25°C, IS = 2.5A, VGS = 0V d
showing the
integral reverse
p-n junction diode.
MOSFET symbol
ID = 22A
VDS = 16V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 27A d
VGS = 2.5V, ID = 22A d
Conditions
See Figs. 10a & 10b
ƒ = 1.0MHz
VGS = 0V
VDS = 16V


Similar Part No. - IRF6201PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6201PBF IRF-IRF6201PBF Datasheet
252Kb / 9P
   HEXFETPower MOSFET
More results

Similar Description - IRF6201PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com