Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1021L Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFHA1021L
Description  60W GaN Wide-Band Pulsed Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1021L Datasheet(HTML) 5 Page - RF Micro Devices

  RFHA1021L Datasheet HTML 1Page - RF Micro Devices RFHA1021L Datasheet HTML 2Page - RF Micro Devices RFHA1021L Datasheet HTML 3Page - RF Micro Devices RFHA1021L Datasheet HTML 4Page - RF Micro Devices RFHA1021L Datasheet HTML 5Page - RF Micro Devices RFHA1021L Datasheet HTML 6Page - RF Micro Devices RFHA1021L Datasheet HTML 7Page - RF Micro Devices RFHA1021L Datasheet HTML 8Page - RF Micro Devices RFHA1021L Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131203
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 12
RFHA1021L
PRELIMINARY
Typical Performance in Standard Fixed Tuned Test Fixture: (T = 25°C unless noted)
(continued)


Similar Part No. - RFHA1021L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
More results

Similar Description - RFHA1021L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
   160W GaN Wide-Band Pulsed Power Amplifier
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
logo
Qorvo, Inc
TGA2312-FL QORVO-TGA2312-FL Datasheet
533Kb / 13P
   X-band 60W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2312-FL TRIQUINT-TGA2312-FL_15 Datasheet
533Kb / 13P
   X-band 60W GaN Power Amplifier
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com