Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1021U Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFHA1021U
Description  60W GaN Wide-Band Pulsed Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1021U Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFHA1021U Datasheet HTML 4Page - RF Micro Devices RFHA1021U Datasheet HTML 5Page - RF Micro Devices RFHA1021U Datasheet HTML 6Page - RF Micro Devices RFHA1021U Datasheet HTML 7Page - RF Micro Devices RFHA1021U Datasheet HTML 8Page - RF Micro Devices RFHA1021U Datasheet HTML 9Page - RF Micro Devices RFHA1021U Datasheet HTML 10Page - RF Micro Devices RFHA1021U Datasheet HTML 11Page - RF Micro Devices RFHA1021U Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130924
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommen ded
application circuitry and specifications at any time without prior notice.
8 of 12
RFHA1021U
PRELIMINARY
Bias Instruction for RFHA1021U 3.1GHz to 3.5GHz Evaluation Board
ESD Sensitive Material. Please use proper ESD precautions when handling devices of evaluation board.
Evaluation board requires additional external fan cooling.
Connect all supplies before powering evaluation board.
1.
Connect RF cables at RFIN and RFOUT.
2.
Connect ground to the ground supply terminal, and ensure that both the VG and VD grounds are also connected to this
ground terminal.
3.
Apply -5V to VG1 and VG2.
4.
Apply 50V to VD1 and VD2.
5.
Increase VG1 until drain current for VD1 reaches 44mA or desired bias point.
6.
Increase VG2 until drain current for VD2 reaches 220mA or desired bias point.
7.
Turn on the RF input.
IMPORTANT NOTE: Depletion mode device - when biasing the device VG must be applied BEFORE VD. When removing bias VD
must be removed BEFORE VG is removed. Failure to follow sequencing will cause the device to fail.
Note: For optimal RF performance, consistent and optimal heat removal from the base of the package is required. A thin layer of
thermal grease should be applied to the interface between the base of the package and the equipment chassis. It is recommended
a small amount of thermal grease is applied to the underside of the device package. Even application and removal of excess
thermal grease can be achieved by spreading the thermal grease using a razor blade. The package should then be bolted to the
chassis and input and output leads soldered to the circuit board.


Similar Part No. - RFHA1021U

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
More results

Similar Description - RFHA1021U

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
   160W GaN Wide-Band Pulsed Power Amplifier
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
logo
Qorvo, Inc
TGA2312-FL QORVO-TGA2312-FL Datasheet
533Kb / 13P
   X-band 60W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2312-FL TRIQUINT-TGA2312-FL_15 Datasheet
533Kb / 13P
   X-band 60W GaN Power Amplifier
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com