Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBF4089ZSR Datasheet(PDF) 1 Page - RF Micro Devices

Part # SBF4089ZSR
Description  DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBF4089ZSR Datasheet(HTML) 1 Page - RF Micro Devices

  SBF4089ZSR Datasheet HTML 1Page - RF Micro Devices SBF4089ZSR Datasheet HTML 2Page - RF Micro Devices SBF4089ZSR Datasheet HTML 3Page - RF Micro Devices SBF4089ZSR Datasheet HTML 4Page - RF Micro Devices SBF4089ZSR Datasheet HTML 5Page - RF Micro Devices SBF4089ZSR Datasheet HTML 6Page - RF Micro Devices SBF4089ZSR Datasheet HTML 7Page - RF Micro Devices SBF4089ZSR Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
1 of 8
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SBF4089Z
DC to 500MHz, CASCADABLE InGaP/GaAs
HBT MMIC AMPLIFIER
RFMD’s SBF4089Z is a high performance InGaP/GaAs Heterojunction Bipolar Tran-
sistor MMIC Amplifier. A Darlington configuration designed with InGaP process tech-
nology provides broadband performance up to 0.5GHz with excellent thermal
performance. The heterojunction increases breakdown voltage and minimizes leak-
age current between junctions. Cancellation of emitter junction non-linearities
results in higher suppression of intermodulation products. Only a single positive
supply voltage, DC-blocking capacitors, a bias resistor, and an optional RF choke
are required for operation.
 
S-Parameters vs Frequency +25c
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
0
100
200
300
400
500
600
700
800
900
Freq
-25
-20
-15
-10
-5
0
s21
s11
s22
IP3=42dBm at 240MHz
Stable Gain Over
Temperature
Robust 1000V ESD, Class 1C
Operates From Single Supply
Low Thermal Resistance
Applications
Receiver IF Amplifier
Cellular, PCS, GSM, UMTS
PA Driver Amplifier
Wireless Data, Satellite
Terminals
DS111011
Package: SOT-89
SBF4089ZDC
to 500MHz,
Cascadable
InGaP/GaAs
HBT MMIC
Amplifier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
14.9
dB
70MHz
13.3
14.8
16.3
dB
240MHz
13.2
14.7
16.2
dB
500MHz
Output Power at 1dB Compression
20.1
dBm
70MHz
20.1
dBm
240MHz
18.4
19.9
dBm
400MHz
Output Third Order Intercept Point
40.0
dBm
70MHz
42.0
dBm
240MHz
39.0
41.0
dBm
400MHz
Input Return Loss
13.0
17.0
dB
500MHz
Output Return Loss
12.0
16.0
dB
500MHz
Noise Figure
3.3
4.3
dB
500MHz
Device Operating Voltage
4.5
4.9
5.3
V
Device Operating Current
82
90
98
mA
Thermal Resistance
43
°C/W
junction to lead
Test Conditions: VS=8V, ID=90mA Typ., TL=25°C. OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, RBIAS=33. Data with Application Circuit.


Similar Part No. - SBF4089ZSR

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SBF40100CT SUNMATE-SBF40100CT Datasheet
984Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SBF40150CT SUNMATE-SBF40150CT Datasheet
984Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SBF40200CT SUNMATE-SBF40200CT Datasheet
984Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SBF4040CT SUNMATE-SBF4040CT Datasheet
984Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SBF4045CT SUNMATE-SBF4045CT Datasheet
984Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBF4089ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
   DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SBF-4089 SIRENZA-SBF-4089 Datasheet
230Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA4086Z RFMD-SBA4086Z Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA5086Z RFMD-SBA5086Z Datasheet
550Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA5089Z RFMD-SBA5089Z Datasheet
493Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBW-5089-Z RFMD-SBW-5089-Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com