Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA-1000 Datasheet(PDF) 4 Page - RF Micro Devices

Part # SDA-1000
Description  GaAs Distributed Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA-1000 Datasheet(HTML) 4 Page - RF Micro Devices

  SDA-1000 Datasheet HTML 1Page - RF Micro Devices SDA-1000 Datasheet HTML 2Page - RF Micro Devices SDA-1000 Datasheet HTML 3Page - RF Micro Devices SDA-1000 Datasheet HTML 4Page - RF Micro Devices SDA-1000 Datasheet HTML 5Page - RF Micro Devices SDA-1000 Datasheet HTML 6Page - RF Micro Devices SDA-1000 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140127
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 7
SDA-1000
Typical Performance: (Circuit Board Data with Bias Tees) VS = 5V, ID = 51mA, RBIAS = 33Ω


Similar Part No. - SDA-1000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
SDA-3000 RFMD-SDA-3000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-3000SB RFMD-SDA-3000SB Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-4000 RFMD-SDA-4000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-4000SB RFMD-SDA-4000SB Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
More results

Similar Description - SDA-1000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SDA-5000 RFMD-SDA-5000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-7000 RFMD-SDA-7000 Datasheet
1Mb / 9P
   GaAs Distributed Amplifier
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
SDA-3000 RFMD-SDA-3000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-4000 RFMD-SDA-4000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-6000 RFMD-SDA-6000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
logo
Mimix Broadband
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com