Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6723M2DTRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6723M2DTRPBF
Description  Replaces Two Discrete MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6723M2DTRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6723M2DTRPBF Datasheet HTML 1Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 2Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 3Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 4Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 5Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 6Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 7Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 8Page - International Rectifier IRF6723M2DTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6723M2DTR/TR1PbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig 11. Maximum Safe Operating Area
Fig 15. Maximum Avalanche Energy vs. Drain Current
Fig 14. Typ. Forward Transconductance vs. Drain Current
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
VSD, Source-to-Drain Voltage (V)
0
1
10
100
1000
TJ = 175°C
TJ = 25°C
TJ = -40°C
VGS = 0V
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 25µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
1020
3040
ID,Drain-to-Source Current (A)
0
20
40
60
80
TJ = 25°C
TJ = 175°C
VDS = 15V
2 380µs PULSE WIDTH
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
1.9A
3.0A
BOTTOM 12A
0
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec
DC


Similar Part No. - IRF6723M2DTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6723M2DTRPBF IRF-IRF6723M2DTRPBF Datasheet
271Kb / 10P
   Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters
More results

Similar Description - IRF6723M2DTRPBF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BCB-T INTERSIL-HIP6601BCB-T Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
HIP6004ECB-T INTERSIL-HIP6004ECB-T Datasheet
507Kb / 13P
   Drives two N-Channel MOSFETs
logo
List of Unclassifed Man...
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
logo
Hamamatsu Corporation
S1880 HAMAMATSU-S1880 Datasheet
136Kb / 4P
   Two-dimensional PSD Non-discrete position sensor utilizing photodiode surface resistance
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
   Two discrete 1 form A Relays in compact 8 pin DIP package
logo
Aries Electronics, Inc.
18075 ARIES-18075 Datasheet
571Kb / 1P
   Replaces MAX691 with MAX807
16-304235-10 ARIES-16-304235-10 Datasheet
476Kb / 1P
   Replaces MAX691 with MAX807
logo
Sirectifier Global Corp...
SG12N06P SIRECT-SG12N06P Datasheet
202Kb / 2P
   Discrete IGBTs
SG23N06T SIRECT-SG23N06T Datasheet
112Kb / 2P
   Discrete IGBTs
SG50N06T SIRECT-SG50N06T Datasheet
112Kb / 2P
   Discrete IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com