Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7304PBF-1 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7304PBF-1
Description  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7304PBF-1 Datasheet(HTML) 6 Page - International Rectifier

  IRF7304PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7304PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7304PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7304PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7304PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7304PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7304PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7304PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF7304PBF-1_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7304PbF-1
6
www.irf.com © 2013 International Rectifier Submit Datasheet Feedback
November 14, 2013
Fig 12a. Basic Gate Charge Waveform
Fig 12b. Gate Charge Test Circuit
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-4.5 V


Similar Part No. - IRF7304PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7304PBF IRF-IRF7304PBF Datasheet
231Kb / 9P
   HEXFET Power MOSFET
IRF7304PBF IRF-IRF7304PBF Datasheet
242Kb / 9P
   Generation V Technology
IRF7304PBF IRF-IRF7304PBF Datasheet
237Kb / 9P
   GENERATION V TECHNOLOGY
IRF7304PBF IRF-IRF7304PBF_10 Datasheet
248Kb / 9P
   HEXFETPOWERMOSFET
IRF7304PBF IRF-IRF7304PBF_15 Datasheet
237Kb / 9P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7304PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com