Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7313PBF-1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7313PBF-1
Description  Industry-standard pinout SO-8 Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7313PBF-1 Datasheet(HTML) 2 Page - International Rectifier

  IRF7313PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7313PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7313PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7313PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7313PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7313PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7313PBF-1_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF7313PbF-1
2
www.irf.com © 2013 International Rectifier Submit Datasheet Feedback
November 14, 2013
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– 0.78 1.0
V
TJ = 25°C, IS = 1.7A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
45
68
ns
TJ = 25°C, IF = 1.7A
Qrr
Reverse RecoveryCharge
–––
58
87
nC
di/dt = 100A/µs ƒ
Source-Drain Ratings and Characteristics
––– –––
––– –––
30
2.5
A
S
D
G
 Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 10mH, RG = 25Ω, IAS = 4.0A.
ƒ ISD ≤ 4.0A, di/dt ≤ 74A/µs, VDD ≤ V(BR)DSS, TJ≤ 150°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Surface mounted on FR-4 board, t ≤ 10sec.
Notes:
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
––– –––
V
VGS = 0V, ID = 250µA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.022 –––
V/°C Reference to 25°C, ID = 1mA
––– 0.023 0.029
VGS = 10V, ID = 5.8A „
––– 0.032 0.046
VGS = 4.5V, ID = 4.7A „
VGS(th)
Gate Threshold Voltage
1.0 ––– –––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
–––
14
–––
S
VDS = 15V, ID = 5.8A
––– ––– 1.0
VDS = 24V, VGS = 0V
––– –––
25
VDS = 24V, VGS = 0V, TJ = 55°C
Gate-to-Source Forward Leakage
––– ––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
––– ––– -100
VGS = -20V
Qg
Total Gate Charge
–––
22
33
ID = 5.8A
Qgs
Gate-to-Source Charge
––– 2.6
3.9
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
––– 6.4
9.6
VGS = 10V, See Fig. 10 „
td(on)
Turn-On Delay Time
––– 8.1
12
VDD = 15V
tr
Rise Time
––– 8.9
13
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
26
39
RG = 6.0Ω
tf
Fall Time
–––
17
26
RD = 15Ω „
Ciss
Input Capacitance
––– 650 –––
VGS = 0V
Coss
Output Capacitance
––– 320 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
––– 130 –––
ƒ = 1.0MHz, See Fig. 9
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns


Similar Part No. - IRF7313PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313PBF IRF-IRF7313PBF Datasheet
205Kb / 7P
   HEXFET Power MOSFET
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
   GENERATION V TECHNOLOGY
IRF7313PBF IRF-IRF7313PBF_15 Datasheet
210Kb / 7P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7313PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com