Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTB1124 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTB1124
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1124 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTB1124_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1124_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTB1124_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2008. 3. 11
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTB1124
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 4
VOLTAGE REGULATORS, RELAY DRIVERS
LAMP DRIVERS, ELECTRICAL EQUIPMENT
FEATURES
Adoption of MBIT processes.
Low collector-to-emitter saturation voltage.
Fast switching speed.
Large current capacity and wide ASO.
Complementary to KTD1624.
MAXIMUM RATING (Ta=25
)
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE (1) Classification A:100
200, B:140
280, C:200
400
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Vollector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-3
A
Collector Current(Pulse)
ICP
-6
A
Base Current
IB
-600
mA
Collector Power Dissipation
PC
500
mW
PC*
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=-40V, IE=0
-
-
-1
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-1
DC Current Gain
hFE(1) (Note)
VCE=-2V, IC=-100
100
-
400
hFE (2)
VCE=-2V, IC=-3A
35
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-2A, IB=-100
-
-0.35
-0.7
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-2A, IB=-100
-
-0.94
-1.2
V
Transition Frequency
fT
VCE=-10V, IC=-50
-
150
-
Collector Output Capacitance
Cob
VCB=-10V, f=1
-
39
-
Switching
Time
Turn-on Time
ton
-
70
-
nS
Storage Time
tstg
-
450
-
Fall Time
tf
-
35
-
* : Package mounted on ceramic substrate(250mm
2
0.8t)


Similar Part No. - KTB1124_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1124 KEC-KTB1124_08 Datasheet
521Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTB1124_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com