Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF5344ZPCK1 Datasheet(PDF) 3 Page - RF Micro Devices

Part # SPF5344ZPCK1
Description  0.8GHz to 4GHz, GaAs pHEMT 2-STAGE LOW NOISE MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5344ZPCK1 Datasheet(HTML) 3 Page - RF Micro Devices

  SPF5344ZPCK1 Datasheet HTML 1Page - RF Micro Devices SPF5344ZPCK1 Datasheet HTML 2Page - RF Micro Devices SPF5344ZPCK1 Datasheet HTML 3Page - RF Micro Devices SPF5344ZPCK1 Datasheet HTML 4Page - RF Micro Devices SPF5344ZPCK1 Datasheet HTML 5Page - RF Micro Devices SPF5344ZPCK1 Datasheet HTML 6Page - RF Micro Devices SPF5344ZPCK1 Datasheet HTML 7Page - RF Micro Devices SPF5344ZPCK1 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
DS110805
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5344Z
Pin
Function
Description
1,2,4,5,7,8,9,
11,12,14,15,
16,18,20
N/A
Ground or No-Connect. No connection internal
3RF IN
RF Input, VG1 applied through this pin.
6RF/DC
Connected internally to RF IN (VG1). External No-Connect required.
10
RF/DC
Connected internally to RF OUT (VD2). External No-Connect required.
13
RF OUT
RF Output, VD2 applied through this pin.
17
RF/VG2
RF/DC input of stage 2, VG2 applied through this pin.
19
RF/VD1
RF/DC output of stage 1, VD1 applied through this pin.
EPAD
GND
EPAD must be conductively attached to RF and DC ground.


Similar Part No. - SPF5344ZPCK1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5001 SANKEN-SPF5001 Datasheet
31Kb / 2P
   Surface-mount 4-circuit Low-side Switch Array
SPF5002 SANKEN-SPF5002 Datasheet
21Kb / 1P
   Surface-mount 4-circuit Low-side Switch Array
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
SPF5003 SANKEN-SPF5003 Datasheet
43Kb / 1P
   High-side Power Switch ICs [Surface-mount 2-circuits]
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results

Similar Description - SPF5344ZPCK1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com