Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA5063ZPCK-EVB1 Datasheet(PDF) 1 Page - RF Micro Devices

Part # STA5063ZPCK-EVB1
Description  3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

STA5063ZPCK-EVB1 Datasheet(HTML) 1 Page - RF Micro Devices

  STA5063ZPCK-EVB1 Datasheet HTML 1Page - RF Micro Devices STA5063ZPCK-EVB1 Datasheet HTML 2Page - RF Micro Devices STA5063ZPCK-EVB1 Datasheet HTML 3Page - RF Micro Devices STA5063ZPCK-EVB1 Datasheet HTML 4Page - RF Micro Devices STA5063ZPCK-EVB1 Datasheet HTML 5Page - RF Micro Devices STA5063ZPCK-EVB1 Datasheet HTML 6Page - RF Micro Devices STA5063ZPCK-EVB1 Datasheet HTML 7Page - RF Micro Devices STA5063ZPCK-EVB1 Datasheet HTML 8Page - RF Micro Devices STA5063ZPCK-EVB1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
1 of 10
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
BiFET HBT
STA-5063Z
3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V
15dBm AMPLIFIER
RFMD’s STA-5063Z is a general purpose class A linear amplifier which utilizes
InGaP GaAs Heterojunction Bipolar Transistor (HBT) amplifier housed in a low-cost
surface- mountable plastic package. This product is specifically designed as a
driver amplifier for WLAN 802.11a and 5.8GHz ISM band and 3.3GHz to 3.8GHz
fixed wireless applications. It can run from a fixed 3.0V to 3.6V supply with its on
chip active bias network which includes a power up and down control. On-chip
impedance matching circuitry provides a 50
 nominal RF input and output imped-
ance. Its high linearity makes it an ideal choice for multicarrier and digital applica-
tions. Housed in an industry standard SOT-363 package, it has
no blind solder joints and designed for low cost. This product is
offered in a RoHS Compliant and Green package with matte
tin finish, designated by the “Z” package suffix.
Linear Class A Performance
P1dB=17.5dBm at 3.5GHz
P1dB=15dBm at 5.9GHz
IP3=30dBm at 3.5GHz
IP3=27dBm at 5.9GHz
Power Up/Down Control<1uS
Active Bias Controlled
Robust Class 1C ESD Rating
Applications
Driver Stage for 802.11a
Access Points
Wimax 802.16 Driver Stage
Low Power 5.8GHz ISM Out-
put Stage
Fixed Wireless, UNII Driver
Stage
DS110205
Package: SOT-363, 2.0mmx2.1mm
STA-5063Z
3.3GHz to
6.2GHz Gen-
eral Purpose
3.3V 15dBm
Amplifier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
17.5
19.0
21.0
dB
3.5GHz with 3GHz app circuit
13.2
14.7
16.7
dB
5.1GHz with 5GHz app circuit
12.5
14.0
16.0
dB
5.9GHz with 5GHz app circuit
Output Power at 1dB Compression
17.5
dBm
3.5GHz with 3GHz app circuit
15.0
dBm
5.1GHz with 5GHz app circuit
13.5
15.0
dBm
5.9GHz with 5GHz spp circuit
Output Third Order Intercept Point
28.0
30.0
dBm
3.5GHz
25.0
27.0
dBm
5.9GHz
Frequency of Operation
3.3
6.2
GHz
Noise Figure
9.0
10.5
dB
5.9GHz
Input VSWR
1.5
2.0
5.1GHzto5.9GHz for 5GHz app circuit
Output VSWR
2.0
2.6
5.1GHzto5.9GHz for 5GHz app circuit
Total Device Current
42.0
52.0
62.0
mA
Thermal Resistance
150
°C/W
junction to backside
Test Conditions: Evaluation Board, Z0=50, VCC=3.3V, IQ=52mA, T=25°C


Similar Part No. - STA5063ZPCK-EVB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
logo
Sanken electric
STA506A SANKEN-STA506A Datasheet
23Kb / 1P
   N-channel General purpose
logo
STMicroelectronics
STA506A STMICROELECTRONICS-STA506A Datasheet
642Kb / 14P
   45V 4A QUAD POWER HALF BRIDGE
STA506A STMICROELECTRONICS-STA506A_04 Datasheet
642Kb / 14P
   45V 4A QUAD POWER HALF BRIDGE
More results

Similar Description - STA5063ZPCK-EVB1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
   3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com