Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA5063ZPCK-EVB2 Datasheet(PDF) 5 Page - RF Micro Devices

Part # STA5063ZPCK-EVB2
Description  3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

STA5063ZPCK-EVB2 Datasheet(HTML) 5 Page - RF Micro Devices

  STA5063ZPCK-EVB2 Datasheet HTML 1Page - RF Micro Devices STA5063ZPCK-EVB2 Datasheet HTML 2Page - RF Micro Devices STA5063ZPCK-EVB2 Datasheet HTML 3Page - RF Micro Devices STA5063ZPCK-EVB2 Datasheet HTML 4Page - RF Micro Devices STA5063ZPCK-EVB2 Datasheet HTML 5Page - RF Micro Devices STA5063ZPCK-EVB2 Datasheet HTML 6Page - RF Micro Devices STA5063ZPCK-EVB2 Datasheet HTML 7Page - RF Micro Devices STA5063ZPCK-EVB2 Datasheet HTML 8Page - RF Micro Devices STA5063ZPCK-EVB2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
DS110205
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
STA-5063Z
5.1GHz to 5.9GHz Evaluation Board Schematic for 3.3V
5.1GHz to 5.9GHz Evaluation Board
Board Material GETEK, 21mil thick, Dk=4.2, 2oz. copper.
Pin
Function
Description
1RF IN / VPC RF input pin and power up down control. Supply VPC =3.3V thru a 4.7Kohm resistor to this pin. For more gain (~0.3dB),
a 5.6nH inductor can also be used in place of the resistor. If an inductor is used, move the 4.7k resistor towards the DC
supply, but still in series with pin 1. A minimum 1k series resitance is required on thispin from the DC supply. VPC less
than 2V shuts off the amplifier.
2,5,6
GROUND
Put GND vias as close as possible to these pins. It is recommended to use the via pattern in out eval board layout and
recommended land pattern
3
VCC
This provides VCC to the active bias circuit and supplies the VCC1 collector voltage of the first stage. This pin needs to be
bypassed with capacitors as close as possible to the pin. Two 0402 100pF capacitors are recom-mended in parallel to
lower the inductance to GND thru the caps.
4RF OUT
Rf output for the amplifier and VCC2 for the second stage.
1
RF IN
RF OUT
ON
C4
C6
R2
Q1
ECB 103073
C1
R1
C5
SMDI
REV A
C2
L1
C3
C7
V+
5.6nH INDUCTOR, 0603
3.9pF CAP, 0603
1000pF CAP, 0603
4.7K OHM, 0603
1uF 16V TANTALUM CAP
L1
C2
C3
C1
R1
Q1
STA-5063
DESG
DESCRIPTION
C4
C5
C6
C7
1.5pF CAP, 0603
1000pF CAP, 0603
100pF CAP, 0402
100pF CAP, 0402


Similar Part No. - STA5063ZPCK-EVB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
logo
Sanken electric
STA506A SANKEN-STA506A Datasheet
23Kb / 1P
   N-channel General purpose
logo
STMicroelectronics
STA506A STMICROELECTRONICS-STA506A Datasheet
642Kb / 14P
   45V 4A QUAD POWER HALF BRIDGE
STA506A STMICROELECTRONICS-STA506A_04 Datasheet
642Kb / 14P
   45V 4A QUAD POWER HALF BRIDGE
More results

Similar Description - STA5063ZPCK-EVB2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
   3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com