Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2856-160 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PH2856-160
Description  Linear Accelerator Pulsed Power Transistor, 16OW, 12ms Pulse, 10% Duty 2.856 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH2856-160 Datasheet(HTML) 2 Page - Tyco Electronics

  PH2856-160 Datasheet HTML 1Page - Tyco Electronics PH2856-160 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Radar Pulsed Power Transistor
160W, 2.856 GHz, 12µs Pulse, 10% Duty
M/A-COM Products
Released, 10 Aug 07
PH2856-160
2
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical RF Performance
F (GHz)
ZIF (Ω)
ZOF (Ω)
2.856
4.4 - j4.9
4.6 - j1.6
RF Test Fixture Impedance
Freq.
(GHz)
Pin
(W)
Pout
(W)
Gain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-T
(3:1)
2.856
18.6
160
9.36
8.28
48.3
-16.1
P


Similar Part No. - PH2856-160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH2856-160 MA-COM-PH2856-160 Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 160W, 2.856 GHz, 12關s Pulse, 10% Duty
logo
Tyco Electronics
PH2856-160 MACOM-PH2856-160 Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 160W, 2.856 GHz, 12關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2856-160 MA-COM-PH2856-160_17 Datasheet
558Kb / 4P
   Radar Pulsed Power Transistor
More results

Similar Description - PH2856-160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH2856-160 MA-COM-PH2856-160 Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 160W, 2.856 GHz, 12關s Pulse, 10% Duty
logo
Tyco Electronics
PH2856-160 MACOM-PH2856-160 Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 160W, 2.856 GHz, 12關s Pulse, 10% Duty
PH2226-11OM MACOM-PH2226-11OM Datasheet
99Kb / 1P
   Radar Pulsed Power Transistor, IlOW, loops Pulse, 10% Duty 2.25 - 2.55 GHz
PH2931-20M MACOM-PH2931-20M Datasheet
161Kb / 2P
   Radar Pulsed Power Transistor, 20W,100ms Pulse, 10% Duty 2.9-3.1 GHz
PH3134-9L MACOM-PH3134-9L Datasheet
139Kb / 2P
   Radar Pulsed Power Transistor, 9W, 300us Pulse, 10% Duty 3.1 - 3.4 GHz
PH2729-130M MACOM-PH2729-130M Datasheet
93Kb / 1P
   Radar Pulsed Power Transistor, 130W, 100us Pulse, 10% Duty 2.7 - 2.9 GHz
PH1214-4M MACOM-PH1214-4M Datasheet
159Kb / 2P
   Radar Pulsed Power Transistor, 4W, loops Pulse, 10% Duty 1.2 - 1.4 GHz
PH1214-8M MACOM-PH1214-8M Datasheet
81Kb / 1P
   Radar Pulsed Power Transistor, SW, loops Pulse, 10% Duty 1.2 - 1.4 GHz
PH3134-30S MACOM-PH3134-30S Datasheet
149Kb / 2P
   Radar Pulsed Power Transistor, 3OW, lms Pulse, 10% Duty 3.1 - 3.4 GHz
PH3135-30M MACOM-PH3135-30M Datasheet
152Kb / 2P
   Radar Pulsed Power Transistor, 3OW, IOOms Pulse, 10% Duty 3.1 - 3.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com