Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7379PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7379PBF
Description  Generation V Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7379PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7379PBF_15 Datasheet HTML 1Page - International Rectifier IRF7379PBF_15 Datasheet HTML 2Page - International Rectifier IRF7379PBF_15 Datasheet HTML 3Page - International Rectifier IRF7379PBF_15 Datasheet HTML 4Page - International Rectifier IRF7379PBF_15 Datasheet HTML 5Page - International Rectifier IRF7379PBF_15 Datasheet HTML 6Page - International Rectifier IRF7379PBF_15 Datasheet HTML 7Page - International Rectifier IRF7379PBF_15 Datasheet HTML 8Page - International Rectifier IRF7379PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7379PbF
4
www.irf.com
2
4
6
8
10
0.00
0.04
0.08
0.12
0.16
0.20
I , Drain Current (A)
D
VGS = 10V
VGS = 4.5V
Fig 5. Normalized On-Resistance
Vs. Temperature
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
N-Channel
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
V
= 10V
GS
A
I = 4.0A
D
0
4
8
12
16
0.03
0.04
0.05
0.06
0.07
0.08
V
, Gate-to-Source Voltage (V)
GS
ID = 5.8A


Similar Part No. - IRF7379PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7379PBF IRF-IRF7379PBF Datasheet
219Kb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRF7379PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com