Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7406PBF-1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7406PBF-1
Description  Industry-standard pinout SO-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7406PBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRF7406PBF-1 Datasheet HTML 1Page - International Rectifier IRF7406PBF-1 Datasheet HTML 2Page - International Rectifier IRF7406PBF-1 Datasheet HTML 3Page - International Rectifier IRF7406PBF-1 Datasheet HTML 4Page - International Rectifier IRF7406PBF-1 Datasheet HTML 5Page - International Rectifier IRF7406PBF-1 Datasheet HTML 6Page - International Rectifier IRF7406PBF-1 Datasheet HTML 7Page - International Rectifier IRF7406PBF-1 Datasheet HTML 8Page - International Rectifier IRF7406PBF-1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
SO-8
IRF7406TRPbF-1
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ -10V
-6.7
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-5.8
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-3.7
IDM
Pulsed Drain Current 
-23
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
–––
50
°C/W
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
VDS
-30
V
RDS(on) max
(@VGS = -10V)
0.045
Qg (max)
59
nC
ID
(@TA = 25°C)
-5.8
A
Ω
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 16, 2014
Form
Quantity
IRF7406PbF-1
SO-8
Tape and Reel
4000
IRF7406TRPbF-1
Package Type
Standard Pack
Orderable Part Number
Base Part Number


Similar Part No. - IRF7406PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7406PBF IRF-IRF7406PBF Datasheet
235Kb / 9P
   HEXFET짰Power MOSFET
IRF7406PBF IRF-IRF7406PBF Datasheet
215Kb / 8P
   Generation V Technology
IRF7406PBF IRF-IRF7406PBF Datasheet
240Kb / 9P
   ULTAR LOW ON RESISTANCE
IRF7406PBF IRF-IRF7406PBF_15 Datasheet
240Kb / 9P
   ULTAR LOW ON RESISTANCE
More results

Similar Description - IRF7406PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com