Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7478PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7478PBF
Description  High frequency DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7478PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7478PBF Datasheet HTML 1Page - International Rectifier IRF7478PBF Datasheet HTML 2Page - International Rectifier IRF7478PBF Datasheet HTML 3Page - International Rectifier IRF7478PBF Datasheet HTML 4Page - International Rectifier IRF7478PBF Datasheet HTML 5Page - International Rectifier IRF7478PBF Datasheet HTML 6Page - International Rectifier IRF7478PBF Datasheet HTML 7Page - International Rectifier IRF7478PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7478PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
17
–––
–––
S
VDS = 50V, ID = 4.2A
Qg
Total Gate Charge
–––
21
31
ID = 4.2A
Qgs
Gate-to-Source Charge
–––
4.3
–––
nC
VDS = 48V
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.6
–––
VGS = 4.5V
td(on)
Turn-On Delay Time
–––
7.7
–––
VDD = 30V
tr
Rise Time
–––
2.6
–––
ID = 4.2A
td(off)
Turn-Off Delay Time
–––
44
–––
RG = 6.2Ω
tf
Fall Time
–––
13
–––
VGS = 10V
ƒ
Ciss
Input Capacitance
–––
1740 –––
VGS = 0V
Coss
Output Capacitance
–––
300
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
37
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
1590 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
220
–––
VGS = 0V, VDS = 48V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
410
–––
VGS = 0V, VDS = 0V to 48V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 4.2A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
52
78
ns
TJ = 25°C, IF = 4.2A
Qrr
Reverse RecoveryCharge
–––
100
150
nC
di/dt = 100A/µs
ƒ
Diode Characteristics
2.3
56
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.065 –––
V/°C
Reference to 25°C, ID = 1mA
–––
20
26
VGS = 10V, ID = 4.2A
ƒ
–––
23
30
VGS = 4.5V, ID = 3.5A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 48V, VGS = 0V
–––
–––
100
VDS = 48V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
140
mJ
IAR
Avalanche Current

–––
4.2
A


Similar Part No. - IRF7478PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7478PBF IRF-IRF7478PBF Datasheet
128Kb / 8P
   SMPS MOSFET
IRF7478PBF IRF-IRF7478PBF Datasheet
133Kb / 8P
   High frequency DC-DC converters
IRF7478PBF-1 IRF-IRF7478PBF-1 Datasheet
203Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7478PBF-1 IRF-IRF7478PBF-1_15 Datasheet
203Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7478PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com