Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4488 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC4488
Description  Bipolar Transistor Adoption of FBET, MBIT processes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4488 Datasheet(HTML) 5 Page - ON Semiconductor

  2SC4488 Datasheet HTML 1Page - ON Semiconductor 2SC4488 Datasheet HTML 2Page - ON Semiconductor 2SC4488 Datasheet HTML 3Page - ON Semiconductor 2SC4488 Datasheet HTML 4Page - ON Semiconductor 2SC4488 Datasheet HTML 5Page - ON Semiconductor 2SC4488 Datasheet HTML 6Page - ON Semiconductor 2SC4488 Datasheet HTML 7Page - ON Semiconductor 2SC4488 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SA1708 / 2SC4488
No.3094-5/8
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
3
1.0
2
0.1
3
0.01
2
5
5
3
2
5
57
2
5
37
2
1.0
10
25
37 100
ITR04338
ITR04339
1.2
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SA1708 / 2SC4488
IC=1.0A
ICP=2.0A
100ms
10ms
DC
operation
Single pulse
Ta=25
°C
(For PNP, minus sign is omitted.)
2SA1708 / 2SC4488
1ms


Similar Part No. - 2SC4488

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4488 SANYO-2SC4488 Datasheet
124Kb / 4P
   High-Voltage Switching Applications
2SC4488 SANYO-2SC4488 Datasheet
74Kb / 5P
   High-Voltage Switching Applications
2SC4488 SANYO-2SC4488 Datasheet
534Kb / 8P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4488 ONSEMI-2SC4488 Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SC4488S-AN ONSEMI-2SC4488S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
More results

Similar Description - 2SC4488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1593 ONSEMI-2SA1593 Datasheet
385Kb / 9P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1706 ONSEMI-2SA1706 Datasheet
577Kb / 6P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1705 ONSEMI-2SA1705 Datasheet
580Kb / 6P
   Bipolar Transistor Adoption of FBET process
September, 2013
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
   High Breakdown Voltage Adoption of MBIT Process
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
   Adoption of High -m and High Bm ferrite cores
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com