Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F981D105MMA Datasheet(PDF) 3 Page - AVX Corporation

Part # F981D105MMA
Description  Resin-Molded Chip, High CV Undertab
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F981D105MMA Datasheet(HTML) 3 Page - AVX Corporation

  F981D105MMA Datasheet HTML 1Page - AVX Corporation F981D105MMA Datasheet HTML 2Page - AVX Corporation F981D105MMA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
68
APRIL 2014
F98 Series
Resin-Molded Chip, High CV Undertab
At 40°C, 90 to 95% R.H., 500 hours (No voltage applied)
Damp Heat
Capacitance Change ........... Refer to page 67 (*1)
(Steady State)
Dissipation Factor ................ 150% or less of initial specified value
Leakage Current .................. 200% or less of initial specified value
-55°C / +125°C, 30 minutes each, 5 cycles
Temperature Cycles
Capacitance Change ........... Refer to page 67 (*1)
Dissipation Factor ................ 150% or less of initial specified value
Leakage Current .................. 200% or less of initial specified value
10 seconds reflow at 260°C, 5 seconds immersion at 260°C.
Resistance to
Capacitance Change ........... Refer to page 67 (*1)
Soldering Heat
Dissipation Factor ................ Initial specified value or less
Leakage Current .................. Initial specified value or less
After application of surge in series with a 1kΩ resistor at the rate of 30 seconds ON, 30 seconds OFF,
for 1000 successive test cycles at 85ºC, capacitors shall meet the characteristic requirements in the table above.
Surge
Capacitance Change ........... Refer to page 67 (*1)
Dissipation Factor ................ 150% or less of initial specified value
Leakage Current .................. 200% or less of initial specified value
After 1000 hours’ application of rated voltage in series with a 3Ω resistor at 85°C,
capacitors shall meet the characteristic requirements in the table above.
Endurance
Capacitance Change ........... Refer to page 67 (*1)
Dissipation Factor ................ 150% or less of initial specified value
Leakage Current .................. 200% or less of initial specified value
Shear Test
After applying the pressure load of 5N for 10±1 seconds horizontally to the center of capacitor side body
which has no electrode and has been soldered beforehand on a substrate, there shall be found neither
exfoliation nor its sign at the terminal electrode.
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at
both of the opposite bottom points 45mm apart from the center of capacitor, the pressure strength is
applied with a specified jig at the center of substrate so that the substrate may bend by 1mm as
illustrated. Then, there shall be found no remarkable abnormality on the capacitor terminals.
QUALIFICATION TABLE


Similar Part No. - F981D105MMA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F981D105MMA NICHICON-F981D105MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981D105MMA NICHICON-F981D105MMA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F981D105MMA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
TCN AVX-TCN Datasheet
990Kb / 6P
   Highest CV/cc Conductive Polymer Chip Capacitors Undertab
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
GETAI ELECTRONICS DEVIC...
2CL30KV-1A GETEDZ-2CL30KV-1A Datasheet
156Kb / 1P
   High reliability resin molded type high voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com