Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7780MPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRF7780MPBF
Description  Brushed Motor drive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7780MPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF7780MPBF Datasheet HTML 4Page - International Rectifier IRF7780MPBF Datasheet HTML 5Page - International Rectifier IRF7780MPBF Datasheet HTML 6Page - International Rectifier IRF7780MPBF Datasheet HTML 7Page - International Rectifier IRF7780MPBF Datasheet HTML 8Page - International Rectifier IRF7780MPBF Datasheet HTML 9Page - International Rectifier IRF7780MPBF Datasheet HTML 10Page - International Rectifier IRF7780MPBF Datasheet HTML 11Page - International Rectifier IRF7780MPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
 
IRF7780MTRPbF
11
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 4, 2015
 
DirectFET® Tape & Reel Dimension (Showing component orientation).
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
METRIC
DIMENSIONS
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF7780MTRPBF). For 1000 parts on 7"
reel, order IRF7780MTR1PBF
REEL DIMENSIONS
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
IMPERIAL
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
STANDARD OPTION (QTY 4800)
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
METRIC
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
TR1 OPTION (QTY 1000)
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
IMPERIAL


Similar Part No. - IRF7780MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7780MTRPBF IRF-IRF7780MTRPBF Datasheet
698Kb / 12P
   Brushed Motor drive applications
More results

Similar Description - IRF7780MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com