Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLBB6A0207K03 Datasheet(PDF) 1 Page - AVX Corporation

Part # FLBB6A0207K03
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FLBB6A0207K03 Datasheet(HTML) 1 Page - AVX Corporation

  FLBB6A0207K03 Datasheet HTML 1Page - AVX Corporation FLBB6A0207K03 Datasheet HTML 2Page - AVX Corporation FLBB6A0207K03 Datasheet HTML 3Page - AVX Corporation FLBB6A0207K03 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Medium Power Film Capacitors
FLB (RoHS Compliant)
The FLB series uses metallized polypropylene dielectric, alu-
minum can, impregnated with soft PU specially treated to
have a very high dielectric strength in operating conditions up
to 85°C.
The FLB has been designed with overpressure disconnected
device. They are suitable for power factor correction and out-
put AC filtering for power converters, UPS systems, solar
inverters and motor drives etc.
APPLICATIONS
• The FLB capacitor is particularly designed for AC filtering
and power factor correction.
HOT SPOT CALCULATION
See Hot Spot Temperature, page 2.
θhot spot = θambient + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
Q x tg
δ0 ⇒ [ 12 x Cn x (Vpeak to peak)2 x f ] x tgδ0
tg
δ0 (tan delta)
For polypropylene, tg
δ0 = 2 x 10-4 for frequencies
up to 1MHz and is independent of temperatures.
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farad
Irms in Ampere
f in Hertz
Vin Volt
Rs in Ohm
θ in °C
Rth in °C/W
WORKING TEMPERATURE
According to the power to be dissipated –
-40°C to +85°C
LIFETIME EXPECTANCY
One unique feature of this technology (as opposed to alu-
minum electrolytic) is how the capacitor reacts at the end of
its lifetime.
Unlike aluminum electrolytic film capacitors do not have a
catastrophic failure mode. Film capacitors simply experience
a parametric loss of capacitance of about 5% from initial
value, with no risk of short circuit.
The capacitor continues to be functional even after this 5%
decrease.
PACKAGING MATERIAL
• Aluminum can with soft PU
STANDARDS
IEC 61071-1, IEC 61071-2: Power electronic capacitors
IEC 60831: Shunt power capacitors of selfhealing type for
ac systems having a rated voltage up to and
including 1kv
HOW TO ORDER
FLB
Series
A
Case
A
B
C
D
E
F
G
H
J
6
Dielectric
6 = Polypropylene
V
Voltage
A = 230V
I = 400V
L = 440V
J = 525V
N = 660V
O = 690V
0335
Capacitance
EIA Code
0103 = 0.01μF
K
Tolerances
J = ±5%
K = ±10%
03
Terminal
Code
03 = 3 phase


Similar Part No. - FLBB6A0207K03

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FLBB SCHURTER-FLBB Datasheet
278Kb / 3P
   IEC Connector C15 for hot conditions, Rewireable, Angled
More results

Similar Description - FLBB6A0207K03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com