Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F931E475MBAAJ6 Datasheet(PDF) 2 Page - AVX Corporation

Part # F931E475MBAAJ6
Description  Resin-Molded Chip - Automotive Product Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F931E475MBAAJ6 Datasheet(HTML) 2 Page - AVX Corporation

  F931E475MBAAJ6 Datasheet HTML 1Page - AVX Corporation F931E475MBAAJ6 Datasheet HTML 2Page - AVX Corporation F931E475MBAAJ6 Datasheet HTML 3Page - AVX Corporation F931E475MBAAJ6 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MARCH 2015
23
F93-AJ6 Series
Resin-Molded Chip - Automotive Product Range
Capacitance
Rated Voltage
µF
Code
4V (0G)
6.3V (0J)
10V (1A)
16V (1C)
20V (1D)
25V (1E)
35V (1V)
1
105
A
A
A
1.5
155
A
A
A
2.2
225
A
A
A
A/B
3.3
335
A
A
A
B
4.7
475
A
A
A/B
A/B
B/C
6.8
685
A
A
A/B
C
10
106
A
A
A/B
A/B
B/C
C
15
156
A
A
A/B
C
C
N
22
226
A
A
A/B
B/C
B/C
C/N
N
33
336
A
A
A/B
B/C
C/N
N
47
476
A
A/B
B/C
C/N
C/N
N
68
686
A
A/B
B/C
C/N
100
107
A/B
B/C
C/N
N
150
157
B
B/C
N
N
220
227
B/C
C/N
N
330
337
C
N
N
470
477
N
N
680
687
N
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings


Similar Part No. - F931E475MBAAJ6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931E475MBA NICHICON-F931E475MBA Datasheet
136Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E475MBA NICHICON-F931E475MBA Datasheet
467Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
AVX Corporation
F931E475MBA AVX-F931E475MBA Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Nichicon corporation
F931E475MBA NICHICON-F931E475MBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E475MBA NICHICON-F931E475MBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F931E475MBAAJ6

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Panasonic Semiconductor
ELJ-FA100JF PANASONIC-ELJ-FA100JF Datasheet
96Kb / 4P
   General use wire wound, resin molded chip inductor.
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Panasonic Semiconductor
ELJ-LA PANASONIC-ELJ-LA Datasheet
361Kb / 1P
   Resin-Molded Wirewound Power Chip Inductors Expanded Inductor Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com