Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLBC6N0486K03 Datasheet(PDF) 2 Page - AVX Corporation

Part # FLBC6N0486K03
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FLBC6N0486K03 Datasheet(HTML) 2 Page - AVX Corporation

  FLBC6N0486K03 Datasheet HTML 1Page - AVX Corporation FLBC6N0486K03 Datasheet HTML 2Page - AVX Corporation FLBC6N0486K03 Datasheet HTML 3Page - AVX Corporation FLBC6N0486K03 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Medium Power Film Capacitors
FLB (RoHS Compliant)
2
LIFETIME EXPECTANCY VS HOT SPOT TEMPERATURE AND VOLTAGE
GENERAL DESCRIPTION
1000
10000
100000
1000000
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Working/Rated Voltage Ratio (Uw/Un)
60ºC
70ºC
50ºC
85ºC
Expected Lifetime Curves (FLB Series)
DIMENSIONS
AVX
OD
H
Case Ref
(mm)
(mm)
A
85
200
B
85
265
C
85
350
D
116
160
E
116
200
F
116
230
G
116
265
H
136
200
J
136
230
Vrms
Resistor Range
230V
220kΩ~400kΩ
400V   
270kΩ~800kΩ
440V   
270kΩ~800kΩ
525V   
270kΩ~1200kΩ
660V  
800kΩ~2000kΩ
690V   
800kΩ~1500kΩ
* Rs is external discharge resistor
selected from following range by
customer. AVX doesnt provide
external discharge capacitor.


Similar Part No. - FLBC6N0486K03

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FLB0275 FARADAY-FLB0275 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0300 FARADAY-FLB0300 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0350 FARADAY-FLB0350 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0400 FARADAY-FLB0400 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0450 FARADAY-FLB0450 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
More results

Similar Description - FLBC6N0486K03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com