Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLBC6N0556K03 Datasheet(PDF) 4 Page - AVX Corporation

Part # FLBC6N0556K03
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FLBC6N0556K03 Datasheet(HTML) 4 Page - AVX Corporation

  FLBC6N0556K03 Datasheet HTML 1Page - AVX Corporation FLBC6N0556K03 Datasheet HTML 2Page - AVX Corporation FLBC6N0556K03 Datasheet HTML 3Page - AVX Corporation FLBC6N0556K03 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Medium Power Film Capacitors
FLB (RoHS Compliant)
4
Cap
Rated
AVX
Case
Diameter ±2
H ±2
Output
I rms
V/µs
I Peak
Packaging
(µF)
Voltage (V)
Part No.
Code
(mm)
(mm)
(kvar)
(A)
(Volt/sec)
(A)
Method
Box
Vrms = 525V Voltage Code: J
Qty
Dimension
(mm)
3 x 38.5
525
FLBA6J0386K03
A
85.0
200.0
10
11.0
86.0
3300
8
375*285*365
3 x 48.1
525
FLBA6J0486K03
A
85.0
200.0
12.5
13.7
86.0
4110
8
375*285*365
3 x 53.1
525
FLBA6J0536K03
A
85.0
200.0
13.8
15.2
86.0
4560
8
375*285*365
3 x 57.7
525
FLBA6J0576K03
A
85.0
200.0
15.0
16.5
86.0
4950
8
375*285*365
3 x 77.0
525
FLBB6J0776K03
B
85.0
265.0
20.0
22.0
86.0
6600
8
375*285*365
3 x 77.0
525
FLBD6J0776K03
D
116.0
160.0
20.0
22.0
86.0
6600
5
375*285*235
3 x 96.2
525
FLBB6J0966K03
B
85.0
265.0
25.0
27.5
86.0
8250
8
375*285*365
3 x 96.2
525
FLBE6J0966K03
E
116.0
200.0
25.0
27.5
86.0
8250
5
375*285*365
3 x 115.4
525
FLBF6J1156K03
F
116.0
230.0
30.0
33.0
86.0
9900
5
375*285*365
3 x 115.4
525
FLBH6J1156K03
H
136.0
200.0
30.0
33.0
86.0
9900
2
375*285*365
3 x 138.2
525
FLBG6J1386K03
G
116.0
265.0
35.9
39.5
86.0
11850
5
375*285*365
3 x 138.2
525
FLBJ6J1386K03
J
136.0
230.0
35.9
39.5
86.0
11850
2
375*285*365
3 x 142.8
525
FLBG6J1426K03
G
116.0
265.0
37.1
40.8
86.0
12240
5
375*285*365
3 x 142.8
525
FLBJ6J1426K03
J
136.0
230.0
37.1
40.8
86.0
12240
2
375*285*365
Vrms = 660V Voltage Code: N
3 x 20.3
660
FLBA6N0206K03
A
85.0
200.0
8.33
7.3
108.0
2190
8
375*285*365
3 x 24.4
660
FLBa6N0246K03
A
85.0
200.0
10.0
8.7
108.0
2610
8
375*285*365
3 x 30.4
660
FLBB6N0306K03
B
85.0
265.0
12.5
10.9
108.0
3270
8
375*285*365
3 x 36.5
660
FLBB6N0366K03
B
85.0
265.0
15.0
13.1
108.0
3930
8
375*285*365
3 x 40.7
660
FLBB6N0406K03
B
85.0
265.0
16.7
14.6
108.0
4380
8
375*285*365
3 x 48.7
660
FLBC6N0486K03
C
85.0
350.0
20.0
17.5
108.0
5250
8
375*285*435
3 x 55.8
660
FLBC6N0556K03
C
85.0
350.0
22.9
20.0
108.0
6000
8
375*285*435
Vrms = 690V Voltage Code: O
3 x 27.9
690
FLBB6O0276K03
B
85.0
265.0
12.5
10.5
112.0
3150
8
375*285*365
3 x 33.4
690
FLBB6O0336K03
B
85.0
265.0
15.0
12.5
112.0
3750
8
375*285*365
3 x 44.6
690
FLBC6O0446K03
C
85.0
350.0
20.0
16.7
112.0
5010
8
375*285*435
3 x 55.7
690
FLBC6O0556K03
C
85.0
350.0
25.0
20.9
112.0
6270
8
375*285*435
* Insert K for 10% capacitance tolerance (standard); J (+5%) and M (+20%) tolerances available on request.
Values outside this standard range may be available – please contact AVX for any special requirements.
AVX reserves the right to supply capacitors to a tighter capacitance tolerance or higher voltage rating, in the same case size.


Similar Part No. - FLBC6N0556K03

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FLB0275 FARADAY-FLB0275 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0300 FARADAY-FLB0300 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0350 FARADAY-FLB0350 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0400 FARADAY-FLB0400 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0450 FARADAY-FLB0450 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
More results

Similar Description - FLBC6N0556K03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com