Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7809AVPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7809AVPBF
Description  N-Channel Application-Specific MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7809AVPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7809AVPBF Datasheet HTML 1Page - International Rectifier IRF7809AVPBF Datasheet HTML 2Page - International Rectifier IRF7809AVPBF Datasheet HTML 3Page - International Rectifier IRF7809AVPBF Datasheet HTML 4Page - International Rectifier IRF7809AVPBF Datasheet HTML 5Page - International Rectifier IRF7809AVPBF Datasheet HTML 6Page - International Rectifier IRF7809AVPBF Datasheet HTML 7Page - International Rectifier IRF7809AVPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7809AVPbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
2.5V
V
, Drain-to-Source Voltage (V)
DS
2.5V
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
2.5V
V
, Drain-to-Source Voltage (V)
DS
2.5V
10
100
1000
2.4
2.6
2.8
3.0
3.2
3.4
V
= 15V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
15A


Similar Part No. - IRF7809AVPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7809AVPBF IRF-IRF7809AVPBF Datasheet
593Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7809AVPBF-1 IRF-IRF7809AVPBF-1 Datasheet
206Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7809AVPBF-1 IRF-IRF7809AVPBF-1_15 Datasheet
206Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7809AVPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7809 IRF-IRF7809 Datasheet
132Kb / 4P
   N-Channel Application-Specific MOSFETs
IRLR8103 IRF-IRLR8103 Datasheet
42Kb / 4P
   N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7805ATRPBF IRF-IRF7805ATRPBF Datasheet
246Kb / 8P
   N Channel Application Specific MOSFETs
IRF7805TRPBF IRF-IRF7805TRPBF Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com