Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7821PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7821PBF
Description  Fully Characterized Avalanche Voltage and Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7821PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7821PBF Datasheet HTML 2Page - International Rectifier IRF7821PBF Datasheet HTML 3Page - International Rectifier IRF7821PBF Datasheet HTML 4Page - International Rectifier IRF7821PBF Datasheet HTML 5Page - International Rectifier IRF7821PBF Datasheet HTML 6Page - International Rectifier IRF7821PBF Datasheet HTML 7Page - International Rectifier IRF7821PBF Datasheet HTML 8Page - International Rectifier IRF7821PBF Datasheet HTML 9Page - International Rectifier IRF7821PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7821PbF
6
www.irf.com
Fig 13b. Unclamped Inductive Waveforms
Fig 13a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 13c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
20
40
60
80
100
I D
TOP
4.5A
8.0A
BOTTOM 10A
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
f
t
r
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
Fig 12. On-Resistance Vs. Gate Voltage
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
0
5
10
15
20
25
30
TJ = 25°C
TJ = 125°C
ID = 13A


Similar Part No. - IRF7821PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRF7821PBF-1 IRF-IRF7821PBF-1 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7821PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9910PBF IRF-IRF9910PBF_15 Datasheet
299Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF8707PBF IRF-IRF8707PBF_15 Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
logo
Shenzhen Huazhimei Semi...
HM85N02K HMSEMI-HM85N02K Datasheet
705Kb / 6P
   Fully characterized avalanche voltage and current
logo
International Rectifier
IRF8313PBF IRF-IRF8313PBF_15 Datasheet
260Kb / 10P
   Fully Characterized Avalanche Voltage and Current
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
GOOD-ARK Electronics
BSOZAA50M GOOD-ARK-BSOZAA50M Datasheet
42Kb / 1P
   Avalanche Voltage 37 to 41Volts Current 50 Amps
logo
International Rectifier
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
logo
GOOD-ARK Electronics
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
    Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com