Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7854PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRF7854PBF
Description  Secondary Side Synchronous Rectification Switch for 12Vout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7854PBF Datasheet(HTML) 8 Page - International Rectifier

  IRF7854PBF_15 Datasheet HTML 1Page - International Rectifier IRF7854PBF_15 Datasheet HTML 2Page - International Rectifier IRF7854PBF_15 Datasheet HTML 3Page - International Rectifier IRF7854PBF_15 Datasheet HTML 4Page - International Rectifier IRF7854PBF_15 Datasheet HTML 5Page - International Rectifier IRF7854PBF_15 Datasheet HTML 6Page - International Rectifier IRF7854PBF_15 Datasheet HTML 7Page - International Rectifier IRF7854PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7854PbF
8
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 6.0mH,
RG = 25Ω, IAS = 6.0A.
ƒ When mounted on 1 inch square copper
board, t
10 sec.
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† ISD ≤ 6.0A, di/dt ≤ 350A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C.
‡ Rθ is measured at TJ of approximately 90°C.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 01/06
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.


Similar Part No. - IRF7854PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7854PBF IRF-IRF7854PBF Datasheet
226Kb / 8P
   HEXFET Power MOSFET
IRF7854PBF IRF-IRF7854PBF Datasheet
231Kb / 8P
   Primary Side Switch in Bridge or two switch forward topologies using 48V ETSI range inputs
More results

Similar Description - IRF7854PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7853PBF IRF-IRF7853PBF_15 Datasheet
214Kb / 8P
   Secondary Side Synchronous Rectification Switch for 15Vout
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com