Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8113PBF-1 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF8113PBF-1
Description  Industry-standard pinout SO-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8113PBF-1 Datasheet(HTML) 3 Page - International Rectifier

  IRF8113PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF8113PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF8113PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF8113PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF8113PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF8113PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF8113PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF8113PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF8113PBF-1_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 23, 2014
IRF8113PbF-1
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.5V
20μs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM 2.5V
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.5V
20μs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM 2.5V
2.5
3.0
3.5
4.0
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
20μs PULSE WIDTH
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 16.6A
VGS = 10V


Similar Part No. - IRF8113PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8113PBF IRF-IRF8113PBF Datasheet
218Kb / 10P
   HEXFET짰Power MOSFET
IRF8113PBF IRF-IRF8113PBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF8113PBF IRF-IRF8113PBF_15 Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results

Similar Description - IRF8113PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com