Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN92584 Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # AN92584
Description  Designing for Low Power and Estimating Battery Life for BLE Applications
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

AN92584 Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button AN92584 Datasheet HTML 4Page - Ramtron International Corporation AN92584 Datasheet HTML 5Page - Ramtron International Corporation AN92584 Datasheet HTML 6Page - Ramtron International Corporation AN92584 Datasheet HTML 7Page - Ramtron International Corporation AN92584 Datasheet HTML 8Page - Ramtron International Corporation AN92584 Datasheet HTML 9Page - Ramtron International Corporation AN92584 Datasheet HTML 10Page - Ramtron International Corporation AN92584 Datasheet HTML 11Page - Ramtron International Corporation AN92584 Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Designing for Low Power and Estimating Battery Life for BLE Applications
www.cypress.com
Document No. 001-92584 Rev. *A
8
Figure 5. Deep Sleep Setting for BLE Component
Stop Mode
If you are using the Stop mode in your application, make sure that the WAKEUP pin is configured correctly to exit the
Stop mode successfully:
1.
Configure P2.2 as the WAKEUP pin.
2.
Set the WAKEUP pin active HIGH or active LOW as required by your application.
Setting the WAKEUP pin to the configured level will cause the device to wake up from the Stop mode. The WAKEUP
pin is active LOW by default.
SWD Pin Configuration
SWD pins are used for runtime firmware debug during development stages. Configuring the SWD pins for debug
increases the current consumption. Therefore, in the production release, SWD pins should be switched to the GPIO
mode. They will still be available for programming the device upon chip reset.
1.
Go to the System tab in the .cydwr file.
2.
Click Debug Select under Programming\Debugging, as shown in Figure 6.
3.
Change the value to GPIO.


Similar Part No. - AN92584

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN925 STMICROELECTRONICS-AN925 Datasheet
23Kb / 4P
   Time Update in ST?셲 TIMEKEEPER Devices
December 1998
More results

Similar Description - AN92584

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
AN91184 RAMTRON-AN91184 Datasheet
2Mb / 36P
   Designing BLE Applications
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 1; 4/15
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
AN2869 STMICROELECTRONICS-AN2869 Datasheet
982Kb / 43P
   Guidelines for designing touch sensing applications
logo
Microchip Technology
MCP1811A MICROCHIP-MCP1811A Datasheet
1Mb / 18P
   Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
logo
DB Lectro Inc
SR2R5105Z DBLECTRO-SR2R5105Z Datasheet
303Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5802Z DBLECTRO-SC5R5802Z Datasheet
294Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5403Z DBLECTRO-SC5R5403Z Datasheet
310Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5332Z DBLECTRO-SC5R5332Z Datasheet
319Kb / 2P
   High capacitance and low resistance for long cycle life applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com