Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN95089 Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # AN95089
Description  BLE Crystal Oscillator Selection and Tuning Techniques
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

AN95089 Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button AN95089 Datasheet HTML 4Page - Ramtron International Corporation AN95089 Datasheet HTML 5Page - Ramtron International Corporation AN95089 Datasheet HTML 6Page - Ramtron International Corporation AN95089 Datasheet HTML 7Page - Ramtron International Corporation AN95089 Datasheet HTML 8Page - Ramtron International Corporation AN95089 Datasheet HTML 9Page - Ramtron International Corporation AN95089 Datasheet HTML 10Page - Ramtron International Corporation AN95089 Datasheet HTML 11Page - Ramtron International Corporation AN95089 Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PSoC® 4/PRoC™ BLE Crystal Oscillator Selection and Tuning Techniques
www.cypress.com
Document No. 001-95089 Rev. *A
8
Decimal Value of Bits 6-0
Capacitance Value C2
0
3.6900 pF
1
3.7911 pF
2
3.8922 pF
…….
……..
127
16.428 pF
Bit 7 is used for coarse control of the capacitance value at the XO node.
Bit 7 = 0 means that no additional capacitance is turned ON at the XO node.
Bit 7 = 1 means that an additional capacitance of 8.1 pF is turned ON at the XO node.
CL and Clock Accuracy
Changes in C1 and C2 result in a change in CL. Therefore, both values should be changed to tune the crystal properly.
Even though there is no one-to-one look-up table to relate a change in capacitance value to a change in the ppm
accuracy, a general practice is mentioned below:
If the ppm is negative (i.e., the measured frequency is less than 24 MHz), then decrease the capacitance trim
value on XI and XO because a smaller CL value results in an increase in fp according to Equation 2
If the ppm is positive (i.e., the measured frequency is more than 24 MHz), then increase the trim capacitance
value because a larger CL value results in a decrease in fp according to Equation 2:
For optimal phase noise, the total capacitance on the XI pin should be 0.8 times the total capacitance on the XO pin.
5
Is Tuning Required for Each Board?
Table 1 and Figure 6 show the ppm variation measured for the same load cap value on 14 boards with the same PCB
layout after tuning the CL for one board.
Table 1. ppm Variation Across Boards for the Same CL
Board
Measured Frequency
ppm
1
23999998
-0.08
2
23999912
-3.66
3
24000051
2.12
4
23999859
-5.87
5
23999965
-1.45
6
23999912
-3.66
7
23999840
-6.66
8
24000064
2.66
9
23999951
-2.04
10
23999968
-1.33
11
24000000
0
12
24000061
2.54
13
23999800
-8.33
14
23999867
-5.54


Similar Part No. - AN95089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN957 ETC-AN957 Datasheet
235Kb / 13P
   Measuring HEXFETCharacteristics
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
AN958 SILABS-AN958 Datasheet
582Kb / 19P
   Debugging and Programming Interfaces for Custom Designs
Rev. 0.7
More results

Similar Description - AN95089

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6229 NJRC-NJU6229 Datasheet
102Kb / 7P
   32.768kHz output Tuning fork Quartz Crystal Oscillator IC
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
   Tuning Fork Crystal
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
   Tuning Fork Crystal
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
   TUNING FORK CRYSTAL
11.14.14
logo
Fox Electronics
KT26 FOX-KT26 Datasheet
335Kb / 4P
   Tuning Fork Crystal
logo
AiT Semiconductor Inc.
KSM2060 AITSEMI-KSM2060 Datasheet
234Kb / 1P
   TUNING FORK CRYSTAL
KMC8038 AITSEMI-KMC8038 Datasheet
225Kb / 1P
   TUNING FORK CRYSTAL
logo
Vishay Siliconix
XT26T VISHAY-XT26T Datasheet
65Kb / 1P
   Tuning Fork Crystal
Revision: 28-Mar-03
XT26T VISHAY-XT26T_07 Datasheet
91Kb / 3P
   Tuning Fork Crystal
Revision: 18-Oct-07
logo
Raltron Electronics Cor...
R26-32.768-12.5-EXT-SMD RALTRON-R26-32.768-12.5-EXT-SMD Datasheet
374Kb / 3P
   TUNING FORK CRYSTAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com