Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTX101E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTX101E
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX101E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTX101E_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTX101E_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTX101E_15 Datasheet HTML 3Page - KEC(Korea Electronics) KTX101E_15 Datasheet HTML 4Page - KEC(Korea Electronics) KTX101E_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GENERAL PURPOSE APPLICATION.
FEATURES
・Including two devices in TES6.
(Thin Extreme Super mini type with 6 pin.)
・Simplify circuit design.
・Reduce a quantity of parts and manufacturing process.
2014. 3. 31
1/5
SEMICONDUCTOR
TECHNICAL DATA
KTX101E
EPITAXIAL PLANAR NPN/PNP TRANSISTOR
Revision No : 3
Q1 MAXIMUM RATING (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
Base Current
IB
30
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
200
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
Q2 MAXIMUM RATING (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
Base Current
IB
-30
Q1 , Q2 MAXIMUM RATING (Ta=25℃)
Marking
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Raing.


Similar Part No. - KTX101E_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX101E KEC-KTX101E Datasheet
100Kb / 5P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
More results

Similar Description - KTX101E_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRX206U KEC-KRX206U Datasheet
87Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX215U KEC-KTX215U Datasheet
58Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX102E KEC-KTX102E Datasheet
99Kb / 5P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX213U KEC-KTX213U Datasheet
390Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX102E KEC-KTX102E_15 Datasheet
65Kb / 5P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX103E KEC-KTX103E Datasheet
864Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KRX211U KEC-KRX211U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
logo
Leshan Radio Company
LRX102UT1G LRC-LRX102UT1G Datasheet
490Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
logo
KEC(Korea Electronics)
KTX101U KEC-KTX101U_15 Datasheet
65Kb / 5P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX111T KEC-KTX111T_15 Datasheet
69Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX213E KEC-KTX213E Datasheet
57Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com