Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG410W Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFG410W
Description  NPN 22 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG410W Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFG410W_15 Datasheet HTML 5Page - NXP Semiconductors BFG410W_15 Datasheet HTML 6Page - NXP Semiconductors BFG410W_15 Datasheet HTML 7Page - NXP Semiconductors BFG410W_15 Datasheet HTML 8Page - NXP Semiconductors BFG410W_15 Datasheet HTML 9Page - NXP Semiconductors BFG410W_15 Datasheet HTML 10Page - NXP Semiconductors BFG410W_15 Datasheet HTML 11Page - NXP Semiconductors BFG410W_15 Datasheet HTML 12Page - NXP Semiconductors BFG410W_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1998 Mar 11
9
NXP Semiconductors
Product specification
NPN 22 GHz wideband transistor
BFG410W
SPICE parameters for the BFG410W die
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
19.42
aA
2BF
145.0
3
NF
0.993
4VAF
31.12
V
5
IKF
125.0
mA
6
ISE
123.6
fA
7
NE
3.000
8
BR
11.37
9
NR
0.985
10
VAR
1.874
V
11
IKR
50.00
mA
12
ISC
199.6
aA
13
NC
1.546
14
RB
35.00
15
IRB
0.000
A
16
RBM
15.00
17
RE
432.0
m
18
RC
4.324
19 (1)
XTB
1.500
20 (1)
EG
1.110
eV
21 (1)
XTI
3.000
22
CJE
128.0
fF
23
VJE
900.0
mV
24
MJE
0.346
25
TF
4.122
ps
26
XTF
68.20
27
VTF
2.004
V
28
ITF
0.627
A
29
PTF
0.000
deg
30
CJC
56.68
fF
31
VJC
556.9
mV
32
MJC
0.207
33
XCJC
0.500
34 (1)
TR
0.000
ns
35 (1)
CJS
274.8
fF
36 (1)
VJS
418.3
mV
37 (1)
MJS
0.239
38
FC
0.550
Notes
1. These parameters have not been extracted, the
default values are shown.
2. Bonding pad capacity Cbp in series with substrate
resistance Rsb1 between B and E.
3. Bonding pad capacity Cbp in series with substrate
resistance Rsb2 between C and E.
List of components (see Fig.14)
Note
1. External emitter inductance to be added separately
due to the influence of the printed-circuit board.
39 (2)(3)
Cbp
145
fF
40 (2)
Rsb1
25
41 (3)
Rsb2
19
DESIGNATION
VALUE
UNIT
Cbe
80
fF
Ccb
2fF
Cce
80
fF
L1
1.1
nH
L2
1.1
nH
L3 (note 1)
0.25
nH
SEQUENCE No.
PARAMETER
VALUE
UNIT
QLB = 50; QLE =50; QLB,E(f) = QLB,E(f/fc)
fc = scaling frequency = 1 GHz.
Fig.14 Package equivalent circuit SOT343R2.
handbook, halfpage
MGD956
B
E
C
B'
C'
E'
L3
L1
L2
C cb
Cbe
ce
C


Similar Part No. - BFG410W_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG410W JMNIC-BFG410W_15 Datasheet
91Kb / 12P
   NPN 22 GHz wideband transistor
More results

Similar Description - BFG410W_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG410W_2015 JMNIC-BFG410W_2015 Datasheet
91Kb / 12P
   NPN 22 GHz wideband transistor
BFG410W JMNIC-BFG410W_15 Datasheet
91Kb / 12P
   NPN 22 GHz wideband transistor
logo
NXP Semiconductors
BFG410W PHILIPS-BFG410W Datasheet
104Kb / 12P
   NPN 22 GHz wideband transistor
1998 Mar 11
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
   NPN 7 GHz wideband transistor
1995 Sep 13
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com