Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9310PBF-1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9310PBF-1
Description  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9310PBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRF9310PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF9310PBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
Notes
 through … are on page 2
SO-8
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.5
0.02
1.6
Max.
-20
-16
-160
± 20
-30
V
A
W
°C
27
18
3
4
6
5
G
S
S
S
D
D
D
D
IRF9310PbF-1
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
Form
Quantity
Tube/Bulk
95
IRF9310PbF-1
Tape and Reel
4000
IRF9310TRPbF-1
Package Type
Standard Pack
Orderable Part Number
IRF9310PbF-1
SO-8
Base Part Number
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
VDS
-30
V
RDS(on) max
(@VGS = -10V)
4.6
RDS(on) max
(@VGS = -4.5V)
6.8
Qg (typical)
58
nC
ID
(@TA = 25°C)
-20
A


Similar Part No. - IRF9310PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9310PBF IRF-IRF9310PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRF9310PBF IRF-IRF9310PBF Datasheet
283Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Appilcation
IRF9310PBF IRF-IRF9310PBF Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
More results

Similar Description - IRF9310PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com