Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9328PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF9328PBF
Description  Industry-Standard SO8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9328PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF9328PBF_15 Datasheet HTML 1Page - International Rectifier IRF9328PBF_15 Datasheet HTML 2Page - International Rectifier IRF9328PBF_15 Datasheet HTML 3Page - International Rectifier IRF9328PBF_15 Datasheet HTML 4Page - International Rectifier IRF9328PBF_15 Datasheet HTML 5Page - International Rectifier IRF9328PBF_15 Datasheet HTML 6Page - International Rectifier IRF9328PBF_15 Datasheet HTML 7Page - International Rectifier IRF9328PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF9328PbF
www.irf.com
3
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
VGS
TOP
-10V
-5.0V
-4.5V
-4.0V
-3.5V
-3.0V
-2.8V
BOTTOM
-2.5V
≤60μs PULSE WIDTH
Tj = 25°C
-2.5V
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
-10V
-5.0V
-4.5V
-4.0V
-3.5V
-3.0V
-2.8V
BOTTOM
-2.5V
≤60μs PULSE WIDTH
Tj = 150°C
-2.5V
1.0
2.0
3.0
4.0
5.0
6.0
-VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
VDS = -10V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 150°C
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
ID = -12A
VGS = -10V
1
10
100
-V DS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
8
16
24
32
40
48
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= -24V
VDS= -15V
VDS= -6.0V
ID= -9.6A


Similar Part No. - IRF9328PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF Datasheet
320Kb / 8P
   HEXFET Power MOSFET
IRF9328PBF IRF-IRF9328PBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results

Similar Description - IRF9328PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF_15 Datasheet
288Kb / 8P
   Industry-Standard SO8 Package
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
   Industry-Standard SO8 Package
IRF9393PBF IRF-IRF9393PBF_15 Datasheet
262Kb / 8P
   Industry-Standard SO8 Package
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
6/4/10
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com