Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9358PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9358PBF
Description  Industry-Standard SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9358PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9358PBF Datasheet HTML 1Page - International Rectifier IRF9358PBF Datasheet HTML 2Page - International Rectifier IRF9358PBF Datasheet HTML 3Page - International Rectifier IRF9358PBF Datasheet HTML 4Page - International Rectifier IRF9358PBF Datasheet HTML 5Page - International Rectifier IRF9358PBF Datasheet HTML 6Page - International Rectifier IRF9358PBF Datasheet HTML 7Page - International Rectifier IRF9358PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
1/2/11
IRF9358PbF
HEXFET® Power MOSFET
Notes
 through † are on page 2
PD - 97616
Applications
Charge and Discharge Switch for Notebook PC Battery Application
SO-8
Features and Benefits
Features
Resulting Benefits
Industry-Standard SO-8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
results in
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
A
W
°C
Max.
-9.2
-7.3
-73
± 20
-30
-55 to + 150
2.0
0.016
1.3
Note
Form
Quantity
IRF9358PbF
SO8
Tube/Bulk
95
IRF9358TRPbF
SO8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
VDS
-30
V
RDS(on) max
(@VGS = -10V)
16.3
m
Ω
RDS(on) max
(@VGS = -4.5V)
23.8
m
Ω
Qg (typical)
19
nC
ID
(@TA = 25°C)
-9.2
A
S1
G1 4
3
S2 1
G2 2
D1
D1
5
6
D2
8
D2
7
D
D


Similar Part No. - IRF9358PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results

Similar Description - IRF9358PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
   Industry-Standard SO-8 Package
IRF9362PBF IRF-IRF9362PBF_15 Datasheet
292Kb / 8P
   Industry-Standard SO-8 Package
IRF9332PBF IRF-IRF9332PBF_15 Datasheet
289Kb / 8P
   Industry-Standard SO-8 Package
IRF9321PBF IRF-IRF9321PBF_15 Datasheet
275Kb / 8P
   Industry-Standard SO-8 Package
IRF9335PBF IRF-IRF9335PBF_15 Datasheet
274Kb / 8P
   Industry-Standard SO-8 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com