Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9395MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF9395MPBF
Description  Isolation Switch for Input Power or Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9395MPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF9395MPBF Datasheet HTML 1Page - International Rectifier IRF9395MPBF Datasheet HTML 2Page - International Rectifier IRF9395MPBF Datasheet HTML 3Page - International Rectifier IRF9395MPBF Datasheet HTML 4Page - International Rectifier IRF9395MPBF Datasheet HTML 5Page - International Rectifier IRF9395MPBF Datasheet HTML 6Page - International Rectifier IRF9395MPBF Datasheet HTML 7Page - International Rectifier IRF9395MPBF Datasheet HTML 8Page - International Rectifier IRF9395MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
© 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
IRF9395MPbF
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig 11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 50μA
ID = 250μA
ID = 1.0mA
ID = 1.0A
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
1200
ID
TOP
-1.2A
-1.9A
BOTTOM -11A
0.2
0.4
0.6
0.8
1.0
1.2
-VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VGS = 0V
0.01
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100μs
1ms
10ms
DC
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80


Similar Part No. - IRF9395MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
More results

Similar Description - IRF9395MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com