Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA3015 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGA3015
Description  1 GHz 15 dB gain wideband amplifier MMIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3015 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGA3015_15 Datasheet HTML 2Page - NXP Semiconductors BGA3015_15 Datasheet HTML 3Page - NXP Semiconductors BGA3015_15 Datasheet HTML 4Page - NXP Semiconductors BGA3015_15 Datasheet HTML 5Page - NXP Semiconductors BGA3015_15 Datasheet HTML 6Page - NXP Semiconductors BGA3015_15 Datasheet HTML 7Page - NXP Semiconductors BGA3015_15 Datasheet HTML 8Page - NXP Semiconductors BGA3015_15 Datasheet HTML 9Page - NXP Semiconductors BGA3015_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BGA3015
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 25 September 2013
6 of 15
NXP Semiconductors
BGA3015
1 GHz 15 dB gain wideband amplifier MMIC
[1]
The fundamental frequencies (f1) and (f2) lay between 5 MHz and 300 MHz. The intermodulation product
(IM3) is 2
 f
2  f1, where f2 =f1  6 MHz. Input power Pi = 20 dBm.
[2]
The fundamental frequencies (f1) and (f2) lay between 5 MHz and 300 MHz. The intermodulation product
(IM2) is
f
2  f1, with 40 MHz < f1-f2 < 300 MHz. Input power Pi = 20 dBm.
Table 10.
Characteristics at VCC = 5 V
Bandwidth 5 MHz to 300 MHz; Tamb =25 C; typical values at VCC = 5 V; ZS =ZL =75 ;
R1 = R2 = 300
.
Symbol Parameter
Conditions
Min
Typ
Max Unit
VCC
supply voltage
RF input AC coupled
4.75 5
5.25 V
ICC(tot)
total supply current
-
70
85
mA
s
21
2
insertion power gain
-
15
-
dB
SLsl
slope straight line
-
0.5
-
dB
FL
flatness of frequency response
-
0.5
-
dB
NF
noise figure
f = 50 MHz
-
2.3
-
dB
RLin
input return loss
f = 5 MHz
-
18.5 -
dB
f = 100 MHz
-
18.5 -
dB
f = 200 MHz
-
18.5 -
dB
f = 300 MHz
-
18.5 -
dB
RLout
output return loss
f = 5 MHz
-
18.5 -
dB
f = 100 MHz
-
18.5 -
dB
f = 200 MHz
-
18.5 -
dB
f = 300 MHz
-
18.5 -
dB
PL(1dB)
output power at 1 dB
gain compression
-18
-dBm
IP3O
output third-order intercept point
[1] -40
-dBm
IP2O
output second-order intercept point
[2] -55
-dBm


Similar Part No. - BGA3015_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
   1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
More results

Similar Description - BGA3015_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
   1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3018 PHILIPS-BGA3018_15 Datasheet
151Kb / 15P
   1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3018 NXP-BGA3018 Datasheet
151Kb / 15P
   1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Hittite Microwave Corpo...
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com