Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9952PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9952PBF
Description  ULTRA LOW ON RESISTANCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9952PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9952PBF Datasheet HTML 1Page - International Rectifier IRF9952PBF Datasheet HTML 2Page - International Rectifier IRF9952PBF Datasheet HTML 3Page - International Rectifier IRF9952PBF Datasheet HTML 4Page - International Rectifier IRF9952PBF Datasheet HTML 5Page - International Rectifier IRF9952PBF Datasheet HTML 6Page - International Rectifier IRF9952PBF Datasheet HTML 7Page - International Rectifier IRF9952PBF Datasheet HTML 8Page - International Rectifier IRF9952PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Channel
P-Channel
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
± 20
TA = 25°C
3.5
-2.3
TA = 70°C
2.8
-1.8
Pulsed Drain Current
IDM
16-1 0
Continuous Source Current (Diode Conduction)
IS
1.7
-1.3
TA = 25°C
2.0
TA = 70°C
1.3
Single Pulse Avalanche Energy
EAS
44
57
mJ
Avalanche Current
IAR
2.0
-1.3
A
Repetitive Avalanche Energy
EAR
0.25
mJ
Peak Diode Recovery dv/dt ‚
dv/dt
5.0
-5.0
V/ ns
Junction and Storage Temperature Range
TJ,TSTG
-55 to + 150 °C
HEXFET® Power MOSFET
PD - 95135
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
powerapplications. Withtheseimprovements,multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
SO-8
l
Generation V Technology
l
Ultra Low On-Resistance
l
Dual N and P Channel MOSFET
l
Surface Mount
l
Very Low Gate Charge and
Switching Losses
l
Fully Avalanche Rated
l
Lead-Free
IRF9952PbF
Description
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
62.5
°C/W
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W
Symbol
Maximum
Units
D1
N-CHANNEL MOSFET
P-CHANNEL MOSFET
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
N-Ch P-Ch
VDSS 30V -30V
RDS(on) 0.10Ω 0.25Ω
Recommended upgrade: IRF7309 or IRF7319
Lower profile/smaller equivalent: IRF7509
www.irf.com
1
09/15/04


Similar Part No. - IRF9952PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9952PBF IRF-IRF9952PBF Datasheet
224Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRF9952PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com