Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB4321PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB4321PBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4321PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFB4321PBF_15 Datasheet HTML 1Page - International Rectifier IRFB4321PBF_15 Datasheet HTML 2Page - International Rectifier IRFB4321PBF_15 Datasheet HTML 3Page - International Rectifier IRFB4321PBF_15 Datasheet HTML 4Page - International Rectifier IRFB4321PBF_15 Datasheet HTML 5Page - International Rectifier IRFB4321PBF_15 Datasheet HTML 6Page - International Rectifier IRFB4321PBF_15 Datasheet HTML 7Page - International Rectifier IRFB4321PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
12/9/10
www.irf.com
1
HEXFET® Power MOSFET
IRFB4321PbF
S
D
G
TO-220AB
D
S
D
G
GD
S
Gate
Drain
Source
Benefits
l Low RDSON Reduces Losses
l Low Gate Charge Improves the Switching
Performance
l Improved Diode Recovery Improves Switching &
EMI Performance
l 30V Gate Voltage Rating Improves Robustness
l Fully Characterized Avalanche SOA
Applications
l Motion Control Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l Hard Switched and High Frequency Circuits
VDSS
150V
RDS(on) typ.
12m:
max.
15m:
ID
85A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
g
–––
0.43
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
g
–––
62
350
Max.
85
c
60
330
-55 to + 175
2.3
10lb
xin (1.1Nxm)
300
±30
120
PD - 97103B


Similar Part No. - IRFB4321PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFB4321PBF ISC-IRFB4321PBF Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFB4321PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com