Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

P4C1041L Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Part No. P4C1041L
Description  LOW POWER 256K x 16 (4 MEG) STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PYRAMID [Pyramid Semiconductor Corporation]
Homepage  http://www.pyramidsemiconductor.com
Logo 

P4C1041L Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
P4C1041L - LOW POWER 256K X 16 STATIC CMOS RAM
Page 10
Document # SRAM142 REV OR
TSOP II SMALL OUTLInE PACkAgE
Pkg #
T2
# Pins
44
Symbol
Min
Max
A
0.039
0.047
A
2
0.033
0.045
b
0.012
0.017
D
0.717
0.733
e
0.0315 BSC
E
0.453
0.473
E1
0.392
0.408


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn